Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTJZP103HA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERTJZP103HA
Description  Multilayer NTC Thermistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJZP103HA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERTJZP103HA Datasheet HTML 1Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 2Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 3Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 4Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 5Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 6Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 7Page - Panasonic Semiconductor ERTJZP103HA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 369 –
● 0603(EIA)
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
A
G
P
Nominal B value
✽() Reference value
B25/50
B25/85
2750 K±3 %
(2700 K)
2800 K±3 %
(2750 K)
(3375 K)
3435 K±1 %
4050 K±3 %
(4100 K)
22
±3 %(H)
or
±5 %(J)
ERTJ1VA220
33
ERTJ1VA330
40
ERTJ1VA400
47
ERTJ1VA470
68
ERTJ1VA680
100
ERTJ1VA101
10 k
ERTJ1VG103 A
47 k
ERTJ1VP473
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
R
S
T
V
Nominal B value
✽() Reference value
B25/50
B25/85
4250 K±2 %
(4300 K)
(4330 K)
4390 K±1%
4500 K±2 %
(4450 K)
4700 K±2 %
(4750 K)
1.0 k
±3 %(H)
or
±5 %(J)
ERTJ1VT102
1.5 k
ERTJ1VT152
2.0 k
ERTJ1VT202
2.2 k
ERTJ1VT222
3.0 k
ERTJ1VT302
3.3 k
ERTJ1VR332
ERTJ1VT332
4.7 k
ERTJ1VR472
ERTJ1VT472
6.8 k
ERTJ1VR682
10 k
ERTJ1VR103
15 k
ERTJ1VR153
22 k
ERTJ1VR223
33 k
ERTJ1VR333
47 k
ERTJ1VR473
ERTJ1VV473
68 k
ERTJ1VR683
ERTJ1VV683
100 k
ERTJ1VS104 AERTJ1VV104
150 k
ERTJ1VV154
: Resistance Tolerance Code
Avoid flow soldering.
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com