Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75LOKWHT Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 35Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 36Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 37Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 38Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 39Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 40Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 41Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
www.andersonpower.com - 37 -
All Data Subject To Change Without Notice
| PP120 TEMPERATURE CHARTS |
| PP120 SPECIFICATIONS |
Electrical
Current Rating Amperes¹
UL 1977 CSA
Singlepole UL 1977 (1/0 AWG)
240
155
2x2 Block UL 1977 (1/0 AWG)
200
110
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
5 1/2” of #2 AWG wire
0.136
UL Hot Plug Current Rating Amperes
250 cycles at 120V DC
60A
Materials
Housing
Plastic Resin
Polycarbonate
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Contact
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
Wire Contacts
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and
a 25°C ambient temperature. UL rating not to exceed the maximum operating temperature. CSA rating below
a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors
along with UL and CSA recognition.
Mechanical
Wire Size Range
AWG
mm²
10 to 1/0
5.3 to 53.5
Max. Wire Insulation Diameter
in.
mm
0.600
15.240
Operating Temperature²
°F
°C
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
8
36
Min. Contact / Spring Retention Force Lbf.
N
60
267
Protection
Touch Safety with Wire Contacts
IEC 60529
IP10
NOTE: Temperature rise charts are based on a 25°C ambient temperature.
Derating charts on the following page.
0
10
20
30
40
50
60
0
50
100
150
200
250
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
6 AWG
PP120 Singlepole
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0
50
100
150
200
250
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
6 AWG
PP120 Multipole
Temperature Rise at Constant Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com