Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75LOKWHT Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 74Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
www.andersonpower.com - 71 -
All Data Subject To Change Without Notice
| SB®350 ORDERING INFORMATION |
SB350® Connectors
- up to 450 Amps
SB®350 Standard Housings
The largest SB® housings work with wire contacts up to 300 mcm [150 mm²] as
well as busbar contacts. Genderless design mates with itself. Mechanical keys
are color coded. NOTE: SB350 Black and Blue Housings have the same keying
features and can be intermated.
Voltage
Color
Description
Code
--- Part Numbers ---
Minimum Quantity ......
50
25 ...
Yellow
12V
914-BK
914
Orange
18V
932-BK
932
Red
24V
913-BK
913
Gray
36V
906-BK
906
Blue
48V
912-BK
912
Green
72V
931-BK
931
Black
80V
2-7250G8
-
SB®350 Chemical Resistant Housings
Same features as the Standard SB®350 but molded in a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description
Code
--- Part Numbers ---
Minimum Quantity ......
50
25 ....
Red
24V
P913-BK
P913
Gray
36V
P906-BK
P906
[ 33.3 ]
1.31
[ 182.6 ]
7.19
MATERIAL ID
[ 107.9 ]
4.25
[ 28.6 ]
1.13
[ 69.9 ]
2.75
[ 6.6 ]
Ø 0.26
(2) PLC’S
[ 34.9 ]
1.38
Bottom View
Mated Length
P = Chemical Resistant
The SB®350 is the largest connector in the series with
power capabilities up to 450 amps with 4/0 wire. Wires
ranging from #1/0 (50 mm²) to 300 mcm (152 mm²) fit
into the one piece housing available in standard PC or
a chemical resistant PBT/PC blend. Silver plated wire
or busbar contacts minimize electrical resistance while
offering supreme durability and reliability.
• Up to 300 mcm (152 mm²) Wires
Allows UL rated currents up to 450 amps with 4/0 wire
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Same Housings Used for Wire and Busbar Contacts
Enables color-coded mechanically keyed wire to busbar
connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com