Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 19 Page - ON Semiconductor

Part # LP2951
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LP2951 Datasheet HTML 14Page - ON Semiconductor LP2951 Datasheet HTML 15Page - ON Semiconductor LP2951 Datasheet HTML 16Page - ON Semiconductor LP2951 Datasheet HTML 17Page - ON Semiconductor LP2951 Datasheet HTML 18Page - ON Semiconductor LP2951 Datasheet HTML 19Page - ON Semiconductor LP2951 Datasheet HTML 20Page - ON Semiconductor LP2951 Datasheet HTML 21Page - ON Semiconductor LP2951 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
19
PACKAGE DIMENSIONS
DPAK
DT SUFFIX
CASE 369C
ISSUE D
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com