Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LP2951
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951 Datasheet(HTML) 4 Page - ON Semiconductor

  LP2951 Datasheet HTML 1Page - ON Semiconductor LP2951 Datasheet HTML 2Page - ON Semiconductor LP2951 Datasheet HTML 3Page - ON Semiconductor LP2951 Datasheet HTML 4Page - ON Semiconductor LP2951 Datasheet HTML 5Page - ON Semiconductor LP2951 Datasheet HTML 6Page - ON Semiconductor LP2951 Datasheet HTML 7Page - ON Semiconductor LP2951 Datasheet HTML 8Page - ON Semiconductor LP2951 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = VO + 1.0 V, IO = 100 mA, CO = 1.0 mF, TA = 25C [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage, 5.0 V Versions
VO
V
Vin = 6.0 V, IO = 100 mA, TA = 25C
LP2950C−5.0/LP2951C/NCV2951C*
4.950
5.000
5.050
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.975
5.000
5.025
TA = −40 to +125C
LP2950C−5.0/LP2951C/NCV2951C*
4.900
−
5.100
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.940
−
5.060
Vin = 6.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−5.0/LP2951C/NCV2951C*
4.880
−
5.120
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.925
−
5.075
Output Voltage, 3.3 V Versions
VO
V
Vin = 4.3 V, IO = 100 mA, TA = 25C
LP2950C−3.3/LP2951C−3.3
3.267
3.300
3.333
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.284
3.300
3.317
TA = −40 to +125C
LP2950C−3.3/LP2951C−3.3
3.234
−
3.366
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.260
−
3.340
Vin = 4.3 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−3.3/LP2951C−3.3
3.221
−
3.379
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.254
−
3.346
Output Voltage, 3.0 V Versions
VO
V
Vin = 4.0 V, IO = 100 mA, TA = 25C
LP2950C−3.0/LP2951C−3.0
2.970
3.000
3.030
LP2950AC−3.0/LP2951AC−3.0
2.985
3.000
3.015
TA = −40 to +125C
LP2950C−3.0/LP2951C−3.0
2.940
−
3.060
LP2950AC−3.0/LP2951AC−3.0
2.964
−
3.036
Vin = 4.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−3.0/LP2951C−3.0
2.928
−
3.072
LP2950AC−3.0/LP2951AC−3.0
2.958
−
3.042
1. The Junction−to−Ambient Thermal Resistance is determined by PCB copper area per Figure 29.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM), 2000 V, Class 2, JESD22 A114−C
Machine Model (MM), 200 V, Class B, JESD22 A115−A
Charged Device Model (CDM), 2000 V, Class IV, JESD22 C101−C
3. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. VO(nom) is the part number voltage option.
5. Noise tests on the LP2951 are made with a 0.01 mF capacitor connected across Pins 7 and 1.
*NCV prefix is for automotive and other applications requiring site and change control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com