Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620 Datasheet(PDF) 49 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 44Page - Analog Devices ADRF6620 Datasheet HTML 45Page - Analog Devices ADRF6620 Datasheet HTML 46Page - Analog Devices ADRF6620 Datasheet HTML 47Page - Analog Devices ADRF6620 Datasheet HTML 48Page - Analog Devices ADRF6620 Datasheet HTML 49Page - Analog Devices ADRF6620 Datasheet HTML 50Page - Analog Devices ADRF6620 Datasheet HTML 51Page - Analog Devices ADRF6620 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 49 of 52
REGISTER 0x40, RESET: 0x0010, NAME: PFD_CTL2
Table 33. Bit Descriptions for PFD_CTL2
Bits
Bit Name
Settings
Description
Reset
Access
[6:5]
ABLDLY
Set antibacklash delay
0x0
RW
00
0 ns
01
0.5 ns
10
0.75 ns
11
0.9 ns
[4:2]
CPCTRL
Set charge pump control.
0x4
RW
000
Both on
001
Pump down
010
Pump up
011
Tristate
100
PFD
[1:0]
CLKEDGE
Set PFD edge sensitivity
0x0
RW
00
Div and REF down edge
01
Div down edge, REF up edge
10
Div up edge, REF down edge
11
Div and REF up edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com