Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 17Page - Analog Devices ADRF6620 Datasheet HTML 18Page - Analog Devices ADRF6620 Datasheet HTML 19Page - Analog Devices ADRF6620 Datasheet HTML 20Page - Analog Devices ADRF6620 Datasheet HTML 21Page - Analog Devices ADRF6620 Datasheet HTML 22Page - Analog Devices ADRF6620 Datasheet HTML 23Page - Analog Devices ADRF6620 Datasheet HTML 24Page - Analog Devices ADRF6620 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 21 of 52
50
500
450
400
350
300
250
200
150
100
–50
–70
–60
–80
–90
–100
–110
–120
–130
–140
–150
0
–20
–10
–30
–40
–50
–60
–70
–80
–90
–100
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 60. DGA HD2/HD3 vs. IF Frequency and Temperature; Maximum Gain
–7 –6 –5 –4 –3 –2 –1 0
1
2
3
4
5
6
7
8
9 10
–50
–70
–60
–80
–90
–100
–110
–120
–130
–140
–150
0
–20
–10
–30
–40
–50
–60
–70
–80
–90
–100
POUT (dBm)
GAIN = 3dB
GAIN = 7dB
GAIN = 11dB
GAIN = 15dB
Figure 61. DGA HD2/HD3 vs. Output Power (POUT) and Gain Setting
50
500
450
400
350
300
250
200
150
100
0
–20
–10
–30
–40
–50
–60
–70
–80
–90
–100
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
IMD2 (dBc)
IMD3 (dBc)
Figure 62. DGA IMD2/IMD3 vs. IF Frequency and Temperature;
Maximum Gain
3
4
5
6
7
8
9
10
11
12
13
14
15
GAIN (dB)
–50
–70
–60
–80
–90
–100
–110
–120
–130
–140
–150
0
–20
–10
–30
–40
–50
–60
–70
–80
–90
–100
TA = –40°C
TA = +25°C
TA = +85°C
Figure 63. DGA HD2/HD3 vs. Gain Setting and Temperature
–7
–6
–5
–4
–3
–5
–1
0
1
2
3
4
5
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
POUT (dBm)
OIP2 (dBm)
OIP3 (dBm)
GAIN = 3dB
GAIN = 7dB
GAIN = 11dB
GAIN = 15dB
Figure 64. DGA OIP2/OIP3 vs. Output Power (POUT) and Gain Setting
3
4
5
6
7
8
9
10
11
12
13
14
15
0
–20
–10
–30
–40
–50
–60
–70
–80
–90
–100
GAIN (dB)
TA = –40°C
TA = +25°C
TA = +85°C
IMD2 (dBc)
IMD3 (dBc)
Figure 65. DGA IMD2/IMD3 vs. Gain Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com