Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2323ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual 3 A, 20 V Synchronous Step-Down
Regulator with Integrated High-Side MOSFET
Data Sheet
ADP2323
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage: 4.5 V to 20 V
±1% output accuracy
Integrated 90 mΩ typical high-side MOSFET
Flexible output configuration
Dual output: 3 A/3 A
Parallel single output: 6 A
Programmable switching frequency: 250 kHz to 1.2 MHz
External synchronization input with programmable phase
shift, or internal clock output
Selectable PWM or PFM mode operation
Adjustable current limit for small inductor
External compensation and soft start
Startup into precharged output
Supported by ADIsimPower™ design tool
APPLICATIONS
Communications infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
DC-to-dc point of load applications
TYPICAL APPLICATION CIRCUIT
INTVCC
RTOP1
CC1
RC1 CSS1
CINT
CDRV
CIN1
CBST1
CBST2
L1
M1
M2
L2
VIN
VIN
VOUT1
COUT1
COUT2
VOUT2
RBOT1
RTOP2
RC2
CC2
CSS2
CIN2
RBOT2
ROSC
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
Figure 1.
GENERAL DESCRIPTION
The ADP2323 is a full featured, dual output, step-down dc-to-
dc regulator based on current-mode architecture. The ADP2323
integrates two high-side power MOSFETs and two low-side drivers
for the external N-channel MOSFETs. The two pulse-width mod-
ulation (PWM) channels can be configured to deliver dual 3 A
outputs or a parallel-to-single 6 A output. The regulator operates
from input voltages of 4.5 V to 20 V, and the output voltage can
be as low as 0.6 V.
The switching frequency can be programmed between 250 kHz
and 1.2 MHz, or synchronized to an external clock to minimize
interference in multirail applications. The dual PWM channels
run 180° out of phase, thereby reducing input current ripple as
well as reducing the size of the input capacitor.
The bidirectional synchronization pin can be programmed at
a 60°, 90°, or 120° phase shift, providing the possibility for a
stackable multiphase power solution.
The ADP2323 can be set to operate in pulse-frequency modulation
(PFM) mode at a light load for higher efficiency or in forced
PWM for noise sensitive applications. External compensation
and soft start provide design flexibility. Independent enable
inputs and power good outputs provide reliable power sequencing.
To enhance system reliability, the device also includes undervoltage
lockout (UVLO), overvoltage protection (OVP), overcurrent pro-
tection (OCP), and thermal shutdown (TSD).
The ADP2323 operates over the −40°C to +125°C junction
temperature range and is available in a 32-lead LFCSP_WQ
package.
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V
VOUT = 3.3V
Figure 2. Efficiency vs. Output Current at VIN = 12 V, fSW = 600 kHz


Similar Part No. - ADP2323ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - ADP2323ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
3-A Step-Down Regulator with Integrated Switcher
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Texas Instruments
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
3-A Step-Down Regulator with Integrated Switcher
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com