Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBT-R1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBT-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBT-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ30Z554DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
DESCRIPTION
PINS
VALUE
Supply voltage range, VMAX
VCC, PTC, PACK w.r.t. Vss
–0.3 V to 34 V
VVC2 – 0.3 V to VVC2 + 8.5 or 34 V, whichever is
VC1, BAT
lower
VC2
VVC3 – 0.3 V to VVC3 + 8.5 V
VC3
VVC4 – 0.3 V to VVC4 + 8.5 V
Input voltage range, VIN
VC4
VSRP– 0.3 V to VSRP + 8.5 V
SRP, SRN
–0.3 V to 0.3 V
SMBC, SMBD
VSS – 0.3 V to 6.0 V
TS1, TS2, PRES, GPIO
–0.3 V to VREG25 + 0.3 V
–0.3 V to VPACK + 20 V or VSS + 34 V, whichever
DSG
is lower
–0.3 V to VBAT + 20 V or VSS+ 34 V, whichever
CHG
is lower
Output voltage range, VO
GPOD, FUSE
–0.3 V to 34 V
RBI, REG25
–0.3 V to 2.75 V
REG33
–0.3 V to 5.0 V
Maximum VSS current, ISS
50 mA
Current for cell balancing, ICB
10 mA
ESD Rating
HBM, VCx Only
1 kV
Functional Temperature, TFUNC
–40 to 110 °C
Storage temperature range, TSTG
–65 to 150 °C
Lead temperature (soldering, 10 s), TSOLDER
300 °C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC, PACK
25
V
Supply voltage
BAT
3.8
VVC2 + 5.0
VSTARTUP
Start up voltage at PACK
3.0
5.5
V
VC1, BAT
VVC2
VVC2 + 5.0
VC2
VVC3
VVC3 + 5.0
VC3
VVC4
VVC4 + 5.0
V
VC4
VSRP
VSRP + 5.0
VIN Input voltage range
VCn – VC(n+1), (n=1, 2, 3, 4)
0
5.0
PACK
25
PTC
0
2
V
SRP to SRN
–0.2
0.2
V
CREG33 External 3.3-V REG capacitor
1
µF
CREG25 External 2.5-V REG capacitor
1
µF
TOPR Operating temperature
–40
85
°C
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com