Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBT-R1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBT-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBT-R1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ30Z554DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: Internal Voltage Reference
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF
Internal Reference Voltage
1.215
1.225
1.230
V
TA = –25 °C to 85 °C
±80
PPM/°C
VREF_DRIFT Internal Reference Voltage Drift
TA = 0 °C to 60 °C
±50
PPM/°C
ELECTRICAL CHARACTERISTICS: Flash
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
Years
Data Flash
20k
Cycles
Flash programming write-cycles
Instruction Flash
1k
Cycles
ICC(PROG_DF)
Data Flash-write supply current
TA = –40°C to 85°C
3
4
mA
ICC(ERASE_DF)
Data Flash-erase supply current
TA = –40°C to 85°C
3
18
mA
(1)
Assured by design. Not production tested.
ELECTRICAL CHARACTERISTICS: OCD Current Protection
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSNS = 0
50
200
mV
OCD detection threshold voltage
V(OCD)
range, typical
RSNS = 1
25
100
mV
RSNS = 0
10
mV
OCD detection threshold voltage
ΔV(OCDT)
program step
RSNS = 1
5
mV
V(OFFSET)
OCD offset
–10
10
mV
V(Scale_Err)
OCD scale error
–10
10
%
t(OCDD)
Overcurrent in Discharge Delay
1
31
ms
t(OCDD_STEP)
OCDD Step options
2
ms
VSRP – SRN = VTHRESH +
t(DETECT)
Current fault detect time
160
µs
12.5 mV
Overcurrent and Short Circuit
tACC
Accuracy of typical delay time
–20
20
%
delay time accuracy
ELECTRICAL CHARACTERISTICS: SCD1 Current Protection
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSNS = 0
100
450
mV
SCD1 detection threshold voltage
V(SDC1)
range, typical
RSNS = 1
50
225
mV
RSNS = 0
50
mV
SCD1 detection threshold voltage
ΔV(SCD1T)
program step
RSNS = 1
25
mV
V(OFFSET)
SCD1 offset
–10
10
mV
V(Scale_Err)
SCD1 scale error
–10
10
%
AFE.STATE_CNTL[SCDDx2] = 0
0
915
µs
t(SCD1D)
Short Circuit in Discharge Delay
AFE.STATE_CNTL[SCDDx2] = 1
0
1830
µs
AFE.STATE_CNTL[SCDDx2] = 0
61
µs
t(SCD1D_STEP)
SCD1D Step options
AFE.STATE_CNTL[SCDDx2] = 1
122
µs
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com