Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19531KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531KCS
Description  100V N-Channel NexFE Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD19531KCS Datasheet HTML 1Page - Texas Instruments CSD19531KCS Datasheet HTML 2Page - Texas Instruments CSD19531KCS Datasheet HTML 3Page - Texas Instruments CSD19531KCS Datasheet HTML 4Page - Texas Instruments CSD19531KCS Datasheet HTML 5Page - Texas Instruments CSD19531KCS Datasheet HTML 6Page - Texas Instruments CSD19531KCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSD19531KCS
SLPS407 – SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
100
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 80V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
2.2
2.7
3.3
V
VGS = 6V, ID = 60A
7.3
8.8
m
Ω
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 60A
6.4
7.7
m
Ω
gfs
Transconductance
VDS = 10V, ID = 60A
137
S
Dynamic Characteristics
Ciss
Input Capacitance
2980
3870
pF
Coss
Output Capacitance
VGS = 0V, VDS = 50V, f = 1MHz
560
728
pF
Crss
Reverse Transfer Capacitance
13
17
pF
RG
Series Gate Resistance
1.3
2.6
Ω
Qg
Gate Charge Total (10V)
38
nC
Qgd
Gate Charge Gate to Drain
7.5
nC
VDS = 50V, ID = 60A
Qgs
Gate Charge Gate to Source
11.9
nC
Qg(th)
Gate Charge at Vth
7.3
nC
Qoss
Output Charge
VDS = 50V, VGS = 0V
98
nC
td(on)
Turn On Delay Time
8.4
ns
tr
Rise Time
7.2
ns
VDS = 50V, VGS = 10V,
IDS = 60A, RG = 0Ω
td(off)
Turn Off Delay Time
16
ns
tf
Fall Time
4.1
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 60A, VGS = 0V
0.9
1
V
Qrr
Reverse Recovery Charge
270
nC
VDS= 50V, IF = 60A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
83
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.7
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19531KCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com