Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19531KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531KCS
Description  100V N-Channel NexFE Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD19531KCS Datasheet HTML 1Page - Texas Instruments CSD19531KCS Datasheet HTML 2Page - Texas Instruments CSD19531KCS Datasheet HTML 3Page - Texas Instruments CSD19531KCS Datasheet HTML 4Page - Texas Instruments CSD19531KCS Datasheet HTML 5Page - Texas Instruments CSD19531KCS Datasheet HTML 6Page - Texas Instruments CSD19531KCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
0.4
0.8
1.2
1.6
2
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =8V
VGS =6V
G001
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD19531KCS
www.ti.com
SLPS407 – SEPTEMBER 2013
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19531KCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com