Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312LS-TPbF Datasheet(PDF) 2 Page - International Rectifier

Part # PVT312LS-TPbF
Description  Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312LS-TPbF Datasheet(HTML) 2 Page - International Rectifier

  PVT312LS-TPbF Datasheet HTML 1Page - International Rectifier PVT312LS-TPbF Datasheet HTML 2Page - International Rectifier PVT312LS-TPbF Datasheet HTML 3Page - International Rectifier PVT312LS-TPbF Datasheet HTML 4Page - International Rectifier PVT312LS-TPbF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVT312PbF
www.irf.com
2
GENERAL CHARACTERISTICS
ALL MODELS
Minimum Dielectric Strength, Input-Output
4000
V
RMS
Minimum Insulation Resistance, Input-Output @T
A=+25°C, 50%RH, 100VDC
1012
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
°C
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
PVT312L
PVT312
Operating Voltage Range
0 to ±250
V
(DC or AC peak)
Maximum Load Current @ T
A=+40°C, 5mA Control (see figures 1 and 2)
A Connection
170
190
mA (AC or DC)
B Connection
190
210
mA (DC)
C Connection
300
320
mA (DC)
Maximum On-State Resistance @T
A=+25°C for 50mA pulsed load
5mA Control (see figure4)
A Connection
15
10
B Connection
8
5.5
C Connection
4.25
3
Maximum Off-State Leakage @T
A=+25°C, ±250V (see figure 5)
1.0
µA
Current Limit @T
A=+25°C, 5mA Control
Connection:
A
C
Minimum
190 330
n/a
mA
Maximum
300 560
n/a
mA
Maximum Turn-On Time @T
A=+25°C (see figure 7)
3.0
ms
for 50mA, 100 V
DC load, 5mA Control
Maximum Turn-Off Time @T
A=+25°C (See Fig. 6)
0.5
ms
For 50mA, 100 V
DC load, 5mA Control
Maximum Output Capacitance @ 50V
DC
50
pF
INPUT CHARACTERISTICS
Part Numbers
Units
Minimum Control Current (see figures 1 and 2)
2.0
mA
Maximum Control Current for Off-State Resistance @ T
A=+25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
2.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications (-40°C ≤ T
A ≤ +85°Cunlessotherwisespecified)
PVT312L
PVT312
InternationalRectifierdoesnotrecommendtheuseofthisproductinaerospace,avionics,militaryorlifesupportapplications.
UsersofthisInternationalRectifierproductinsuchapplicationsassumeallrisksofsuchuseandindemnifyInternational
Rectifieragainstalldamagesresultingfromsuchuse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com