Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312LS-TPbF Datasheet(PDF) 4 Page - International Rectifier

Part # PVT312LS-TPbF
Description  Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312LS-TPbF Datasheet(HTML) 4 Page - International Rectifier

  PVT312LS-TPbF Datasheet HTML 1Page - International Rectifier PVT312LS-TPbF Datasheet HTML 2Page - International Rectifier PVT312LS-TPbF Datasheet HTML 3Page - International Rectifier PVT312LS-TPbF Datasheet HTML 4Page - International Rectifier PVT312LS-TPbF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVT312PbF
www.irf.com
4
Vdd, Drain to Drain Voltage (V)
0
10
20
30
40
50
160
120
80
40
0
" A" C onn ec tion
90%
10%
I
ILED
D
tdly
ton
to
0.1
0.2
0.5
1.0
0.05
2.0
5.0
20
10
5
3
to
t dly
ton
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
Figure 9. Typical Output Capacitance
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics (Current Controlled)
LED Forward Voltage Drop (Volts DC)
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
CAU T ION : prov ide cu rren t li miting
so tha t 25 mA max imum s teady-
s tate con trol cu rren t r ating is
no t exceeded
Ambient Temperature (deg. C)
-35
-15
5
25
45
65
85
105
100
30
10
3.0
1.0
0.3
0.1
Delay Time (milliseconds)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com