Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV822MM
Description  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV822MM Datasheet(HTML) 2 Page - Texas Instruments

  LMV822MM Datasheet HTML 1Page - Texas Instruments LMV822MM Datasheet HTML 2Page - Texas Instruments LMV822MM Datasheet HTML 3Page - Texas Instruments LMV822MM Datasheet HTML 4Page - Texas Instruments LMV822MM Datasheet HTML 5Page - Texas Instruments LMV822MM Datasheet HTML 6Page - Texas Instruments LMV822MM Datasheet HTML 7Page - Texas Instruments LMV822MM Datasheet HTML 8Page - Texas Instruments LMV822MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Machine Model
100V
Human Body Model
LMV822/824
2000V
LMV821
1500V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V+–V −)
5.5V
Output Short Circuit to V+(4)
Output Short Circuit to V−(4)
Soldering Information
Infrared or Convection (20 sec)
235°C
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human body model, 1.5 k
Ω in series wth 100 pF. Machine model, 200Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45 mA over long term may adversely
affect reliability.
(5)
The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.5V to 5.5V
Temperature Range
LMV821, LMV822, LMV824
−40°C ≤T J ≤85°C
LMV822-Q1, LMV824-Q1
−40°C ≤T J ≤125°C
Thermal Resistance (
θ JA)
Ultra Tiny SC70-5 Package, 5-Pin Surface Mount
440 °C/W
Tiny SOT23-5 Package, 5-Pin Surface Mount
265 °C/W
SOIC Package, 8-Pin Surface Mount
190 °C/W
VSSOP Package, 8-Pin Mini Surface Mount
235 °C/W
SOIC Package, 14-Pin Surface Mount
145 °C/W
TSSOP Package, 14-Pin
155 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com