Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV822MM
Description  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV822MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV822MM Datasheet HTML 17Page - Texas Instruments LMV822MM Datasheet HTML 18Page - Texas Instruments LMV822MM Datasheet HTML 19Page - Texas Instruments LMV822MM Datasheet HTML 20Page - Texas Instruments LMV822MM Datasheet HTML 21Page - Texas Instruments LMV822MM Datasheet HTML 22Page - Texas Instruments LMV822MM Datasheet HTML 23Page - Texas Instruments LMV822MM Datasheet HTML 24Page - Texas Instruments LMV822MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
www.ti.com
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
(5)
Notice that R3 could also be calculated as 0.707 of Ra or R2.
The circuit was implemented and its cutoff frequency measured. The cutoff frequency measured at 2.92 kHz.
The circuit also showed good repeatability. Ten different LMV822 samples were placed in the circuit. The
corresponding change in the cutoff frequency was less than a percent.
TRI-LEVEL VOLTAGE DETECTOR
The tri-level voltage detector of Figure 44 provides a type of window comparator function. It detects three
different input voltage ranges: Min-range, Mid-range, and Max-range. The output voltage (VO) is at VCC for the
Min-range. VO is clamped at GND for the Mid-range. For the Max-range, VO is at Vee. Figure 45 shows a VO vs.
VI oscilloscope photo per the circuit of Figure 44.
Its operation is as follows: VI deviating from GND, causes the diode bridge to absorb IIN to maintain a clamped
condition (VO= 0V). Eventually, IIN reaches the bias limit of the diode bridge. When this limit is reached, the
clamping effect stops and the op amp responds open loop. The design equation directly preceding Figure 45,
shows how to determine the clamping range. The equation solves for the input voltage band on each side GND.
The mid-range is twice this voltage band.
Figure 44. Tri-level Voltage Detector
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com