Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3932 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3932
Description  THREE PHASE POWER MOSFET CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3932 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3932 Datasheet HTML 1Page - Allegro MicroSystems 3932 Datasheet HTML 2Page - Allegro MicroSystems 3932 Datasheet HTML 3Page - Allegro MicroSystems 3932 Datasheet HTML 4Page - Allegro MicroSystems 3932 Datasheet HTML 5Page - Allegro MicroSystems 3932 Datasheet HTML 6Page - Allegro MicroSystems 3932 Datasheet HTML 7Page - Allegro MicroSystems 3932 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
3932
THREE-PHASE POWER MOSFET CONTROLLER
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, CBOOT= .1µf, CLOAD=1000pf (unless noted otherwise)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Quiescent current
IVBB
RESET Low
6.5
8.5
mA
IVBB
RESET High
6.5
mA
LCAP Regulator
VLCAP
4.75
5
5.250
V
Motor Supply Voltage Range
18
–
50
V
VREG shorted to VBB
10.8
–
13.2
V
VREG Output Voltage
VREG
12.4
13
13.6
V
VREG Line Regulation
VREGLIN
VBB 18 to 50V
–
40
–
mV
Control Logic
Logic Input Voltage
VIN(1)
2.0
–
–
V
VIN(0)
–
–
.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
–
<1.0
10
µA
IIN(0)
VIN = 0.8 V
-70
–
-130
µA
Gate Drive
Low side drive, output high
VHGL
12.3
13
13.7
V
High side drive, output high
VHGH
10.5
11.6
12.8
V
Pull Up Switch Resistance
RDS(ON)
-1A transient
6
9
12
Ω
Pull Down Switch Resistance
RDS(ON)
2.5A transient
2
3
4
Ω
Low side switching, rise time
trGL
10% to 90%
–
25
–
ns
Low side switching, fall time
tfGL
–
10
–
ns
High side switching, rise time
trGH
–
40
–
ns
High side switching, fall time
tfGH
–
10
–
ns
Dead time maximum
tDEAD
IDEAD = 9
µA
–
5500
–
ns
Dead time minimum
tDEAD
IDEAD = 780
µA
–
100
–
ns
NOTES:
1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com