Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3932 Datasheet (PDF) - Allegro MicroSystems

3932 Datasheet PDF - Allegro MicroSystems
Part # 3932
Download  3932 Download
File Size   67.82 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description THREE PHASE POWER MOSFET CONTROLLER

3932 Datasheet (PDF)

Go To PDF Page Download Datasheet
3932 Datasheet PDF - Allegro MicroSystems

Part # 3932
Download  3932 Click to download

File Size   67.82 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description THREE PHASE POWER MOSFET CONTROLLER

3932 Datasheet (HTML) - Allegro MicroSystems


3932 Product details

FEATURES
■ Drives Wide Range of N-channel
MOSFETs
■ Sources 1.25A for Gate Turn-On
■ Sinks 2.5A for Gate Turn-Off
■ Synchronous Rectification
■ Power MOSFET Protection
■ Adjustable Dead Time for Cross
Conduction Protection
■ Fast/Slow Current Decay Modes
■ Internal PWM current Control
■ PWM Torque Control Input
■ Motor Lead Short to Supply
and Ground Protection
■ Internal 5V Regulator
■ Direction Control
■ Brake Input
■ Fault Diagnostic Output
■ Tachometer Output
■ Thermal Shutdown
■ Undervoltage Protection
■ 32L PLCC Package




Similar Part No. - 3932

ManufacturerPart #DatasheetDescription
logo
Heyco.
3932 HEYCO-3932 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
logo
Tyco Electronics
393293 MACOM-393293 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
logo
Allegro MicroSystems
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
More results


Similar Description - 3932

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
THREE-PHASE POWER MOSFET CONTROLLER
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
THREE-PHASE POWER MOSFET CONTROLLER
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com