Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3933 Datasheet (PDF) - Allegro MicroSystems

3933 Datasheet PDF - Allegro MicroSystems
Part # 3933
Download  3933 Download
File Size   168.98 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description THREE-PHASE POWER MOSFET CONTROLLER

3933 Datasheet (PDF)

Go To PDF Page Download Datasheet
3933 Datasheet PDF - Allegro MicroSystems

Part # 3933
Download  3933 Click to download

File Size   168.98 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description THREE-PHASE POWER MOSFET CONTROLLER

3933 Datasheet (HTML) - Allegro MicroSystems


3933 Product details

THREE-PHASE POWER MOSFET CONTROLLER



The A3933SEQ is a three-phase MOSFET controller for use with bipolar brushless dc motors. It drives all n-channel external power FETs, allowing system cost savings and minimizing r(DS)on power loss. The high-side drive block is implemented with bootstrap capacitors at each output to provide the floating positive supply for the gate drive. The high-side circuitry also employs a unique “intelligent” FET monitoring circuit that ensures the gate voltages are at the proper levels before turn-on and during the ON cycle. This device is targeted for

applications with motor supplies from 12 V to 28 V.



FEATURES ANDBENEFITS

■Drives External N-Channel FETs

■Intelligent High-Side Gate Drive

■Selectable Coast or Dynamic Brake on Power Down

■Adjustable Dead Time for Cross-Conduction Protection

■Selectable Fast or Slow Current-Decay Modes

■Internal PWM Peak Current Control

■Reset/Coast Input

■120°Hall Commutation with Internal Pullup

■Internal 5-V Regulator

■Low-Side Synchronous Rectification

■Direction Control

■PWM Speed-Control Input

■Fault-Diagnostic Output

■Under-Voltage Protection



 




Similar Part No. - 3933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
393 ETC2-393 Datasheet
1Mb / 2P
Resistance measurement
logo
Energizer
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
logo
B&K Precision Corporati...
393 BK-393 Datasheet
1Mb / 2P
Handheld Digital Multimeters
logo
List of Unclassifed Man...
393 ETC-393 Datasheet
18Kb / 1P
EXALITE 392E
logo
Everlight Electronics C...
393-2SURD EVERLIGHT-393-2SURD Datasheet
96Kb / 6P
7.9mm Round Type LED Lamps
More results


Similar Description - 3933

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
THREE-PHASE POWER MOSFET CONTROLLER
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com