Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3933 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3933
Description  THREE-PHASE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3933 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3933 Datasheet HTML 1Page - Allegro MicroSystems 3933 Datasheet HTML 2Page - Allegro MicroSystems 3933 Datasheet HTML 3Page - Allegro MicroSystems 3933 Datasheet HTML 4Page - Allegro MicroSystems 3933 Datasheet HTML 5Page - Allegro MicroSystems 3933 Datasheet HTML 6Page - Allegro MicroSystems 3933 Datasheet HTML 7Page - Allegro MicroSystems 3933 Datasheet HTML 8Page - Allegro MicroSystems 3933 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3933
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
ELECTRICAL SPECIFICATIONS at TA = 25
°C, V
BB = VCCOUT = 12 V, Cload = 1000 pF, Cboot = 0.047
µF
(unless noted otherwise).
Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
Quiescent Current
IBB
RESET low, fPWM = 40 kHz
–
16
19
mA
RESET high
–
15
17
mA
Reference Voltage
VLCAP
4.75
5.0
5.25
V
Ref. Volt. Load Regulation
∆V
LCAP(
∆ILCAP)
ILCAP = 0 to -2 mA
–
10
25
mV
Output Voltage
VCCOUT
VBB = 28 V
10.8
12
13.2
V
Output Voltage Regulation
∆V
CCOUT(
∆ICCOUT) VBB = 28 V, ICCOUT = 0 to -10 mA
–
–
25
mV
Digital Logic Levels
Logic Input Voltage
VIH
2.0
–
–
V
VIL
––
0.8
V
Logic Input Current
IIH
VIH = 2 V
–
<1.0
10
µA
IIL
VIL = 0.8 V
-70
–
-130
µA
Gate Drive
Low-Side Output Voltage
VGLxH
9.5
10.5
11.5
V
VGLxL
IGLx = 1 mA
–
–
0.30
V
High-Side Output Voltage
VGHxH
9.0
10.5
11.5
V
VGHxL
IGHx = 1 mA
–
–
0.25
V
Low-Side Output
trGLx
1 V to 8 V
–
50
–
ns
Switching Time
tfGLx
8 V to 1 V
–
40
–
ns
High-Side Output
trGHx
1 V to 8 V
–
100
–
ns
Switching Time
tfGHx
8 V to 1 V
–
100
–
ns
DEAD Time
tDEAD
IDEAD = 10 µA
–
3000
–
ns
(Source OFF to Sink ON)
IDEAD = 215 µA
–
180
–
ns
Continued —
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com