Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA150 Datasheet(PDF) 75 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 75 Page - Actel Corporation

Back Button APA150 Datasheet HTML 71Page - Actel Corporation APA150 Datasheet HTML 72Page - Actel Corporation APA150 Datasheet HTML 73Page - Actel Corporation APA150 Datasheet HTML 74Page - Actel Corporation APA150 Datasheet HTML 75Page - Actel Corporation APA150 Datasheet HTML 76Page - Actel Corporation APA150 Datasheet HTML 77Page - Actel Corporation APA150 Datasheet HTML 78Page - Actel Corporation APA150 Datasheet HTML 79Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-71
Synchronous FIFO Write
Note: The plot shows the normal operation status.
Figure 1-47 • Synchronous FIFO Write
Table 1-65 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
DCH
DI hold from WCLKS
↑
0.5
ns
DCS
DI setup to WCLKS
↑
1.0
ns
FCBA
New FULL access from WCLKS
↓
3.01
ns
ECBA
EMPTY
↓ access from WCLKS ↓
3.01
ns
ECBH,
FCBH,
HCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from WCLKS
↓
1.0
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
HCBA
EQTH or GETH access from WCLKS
↓
4.5
ns
WPCA
New WPE access from WCLKS
↑
3.0
ns
WPE is invalid, while PARGEN is active
WPCH
Old WPE valid from WCLKS
↑
0.5
ns
WRCH, WBCH WRB & WBLKB hold from WCLKS
↑
0.5
ns
WRCS, WBCS
WRB & WBLKB setup to WCLKS
↑
1.0
ns
Notes:
1. At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMH), 3.0 ns.
2. All –F speed grade devices are 20% slower than the standard numbers.
WCLKS
WPE
DI
EMPTY
EQTH, GETH
FULL
(Full Inhibits Write)
WRB, WBLKB
Cycle Start
tWRCH, tWBCH
tECBH, tFCBH
tECBA, tFCBA
tHCBA
tWRCS, tWBCS
tDCS
tWPCA
tCMH
tCML
tCCYC
tWPCH
tDCH
tHCBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com