Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA150 Datasheet(PDF) 28 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 28 Page - Actel Corporation

Back Button APA150 Datasheet HTML 24Page - Actel Corporation APA150 Datasheet HTML 25Page - Actel Corporation APA150 Datasheet HTML 26Page - Actel Corporation APA150 Datasheet HTML 27Page - Actel Corporation APA150 Datasheet HTML 28Page - Actel Corporation APA150 Datasheet HTML 29Page - Actel Corporation APA150 Datasheet HTML 30Page - Actel Corporation APA150 Datasheet HTML 31Page - Actel Corporation APA150 Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 24
v5.2
Note: Each RAM block contains a multiplexer (called DMUX) for each output signal, increasing design efficiency. These DMUX cells do not
consume any core logic tiles and connect directly to high-speed routing resources between the RAM blocks. They are used when
RAM blocks are cascaded and are automatically inserted by the software tools.
Figure 1-21 • Example SRAM Block Diagrams
Table 1-13 • Memory Block SRAM Interface Signals
SRAM Signal
Bits
In/Out
Description
WCLKS
1
In
Write clock used on synchronization on write side
RCLKS
1
In
Read clock used on synchronization on read side
RADDR<0:7>
8
In
Read address
RBLKB
1
In
Read block select (active Low)
RDB
1
In
Read pulse (active Low)
WADDR<0:7>
8
In
Write address
WBLKB
1
In
Write block select (active Low)
DI<0:8>
9
In
Input data bits <0:8>, <8> can be used for parity In
WRB
1
In
Write pulse (active Low)
DO<0:8>
9
Out
Output data bits <0:8>, <8> can be used for parity Out
RPE
1
Out
Read parity error (active High)
WPE
1
Out
Write parity error (active High)
PARODD
1
In
Selects Odd parity generation/detect when High, Even parity when Low
Note: Not all signals shown are used in all modes.
SRAM
(256x9)
DI <0:8>
DO <0:8>
RADDR <0:7>
WADDR <0:7>
WRB
RDB
WBLKB
RBLKB
WCLKS
RCLKS
RPE
PARODD
DI <0:8>
WADDR <0:7>
WRB
WBLKB
PARODD
WPE
WPE
SRAM
(256x9)
DI <0:8>
DO <0:8>
WADDR <0:7>
WRB
RDB
WBLKB
RBLKB
WCLKS
RPE
PARODD
WPE
RADDR <0:7>
PARODD
DI <0:8>
DO <0:8>
RADDR <0:7>
WADDR <0:7>
WRB
RDB
WBLKB
RBLKB
RCLKS
RPE
WPE
DO <0:8>
RADDR <0:7>
RDB
RBLKB
RCLKS
RPE
Sync Write
and
Sync Read
Ports
Async Write
and
Async Read
Ports
Sync Write
and
Async Read
Ports
Async Write
and
Sync Read
Ports
SRAM
(256x9)
SRAM
(256x9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com