Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL22V10D-25LS Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # GAL22V10D-25LS
Description  Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LS Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button GAL22V10D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Specifications GAL22V10
11
fmax with Internal Feedback 1/(tsu+tcf)
Note: f
max with external feedback is cal-
culated from measured tsu and tco.
fmax with External Feedback 1/(tsu+tco)
Note: t
cf is a calculated value, derived by sub-
tracting tsu from the period of fmax w/internal
feedback (tcf = 1/fmax - tsu). The value of tcf is
used primarily when calculating the delay from
clocking a register to a combinatorial output
(through registered feedback), as shown above.
For example, the timing from clock to a combi-
natorial output is equal to tcf + tpd.
fmax with No Feedback
Note: f
max with no feedback may be less
than 1/(twh + twl). This is to allow for a
clock duty cycle of other than 50%.
R EGI ST ER
L OGIC
AR R AY
tco
tsu
CL K
REGISTER
LOGIC
ARRAY
CLK
tsu + th
CLK
REGISTER
LOGIC
ARRAY
tcf
tpd
fmax Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com