Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL22V10D-25LS Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # GAL22V10D-25LS
Description  Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LS Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button GAL22V10D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 17Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 18Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 19Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 20Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Specifications GAL22V10
15
Delta Tpd vs # of Outputs
Switching
-0.3
-0.2
-0.1
0
123
4567
89
1 0
Number of Outputs Switching
RISE
FALL
Delta Tco vs # of Outputs
Switching
-0.4
-0.3
-0.2
-0.1
0
12345678
9
1 0
Number of Outputs Switching
RISE
FALL
Delta Tpd vs Output Loading
Output Loading (pF)
RISE
FALL
Delta Tco vs Output Loading
RISE
FALL
Normalized Tpd vs Vcc
RISE
FALL
Normalized Tco vs Vcc
RISE
FALL
Normalized Tsu vs Vcc
Supply Voltage (V)
Supply Voltage (V)
Supply Voltage (V)
RISE
FALL
Normalized Tpd vs Temp
Normalized Tco vs Temp
Normalized Tsu vs Temp
125
100
75
50
25
0
-25
-55
125
100
75
50
25
0
-25
-55
300
250
200
150
100
50
0
Output Loading (pF)
300
250
200
150
100
50
0
Temperature (deg. C)
Temperature (deg. C)
Temperature (deg. C)
125
100
75
50
25
0
-25
-55
RISE
FALL
RISE
FALL
RISE
FALL
5.5
5.25
5
4.75
4.5
0.9
1.3
1.2
1.1
1
0.9
0.8
12
8
4
0
-4
12
8
4
0
-4
1.3
1.2
1.1
1
0.9
0.8
0.9
1
1.1
1.2
0.95
1
1.05
1.1
0.9
0.95
1
1.05
1.1
0.9
0.95
1
1.05
1.1
5.5
5.25
5
4.75
4.5
5.5
5.25
5
4.75
4.5
GAL22V10D-4/-5/-7/-10L (PLCC): Typical AC and DC Characteristic Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com