Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3976 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3976
Description  DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3976 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3976 Datasheet HTML 1Page - Allegro MicroSystems 3976 Datasheet HTML 2Page - Allegro MicroSystems 3976 Datasheet HTML 3Page - Allegro MicroSystems 3976 Datasheet HTML 4Page - Allegro MicroSystems 3976 Datasheet HTML 5Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page
3 of 5
3976 Dual Protected PWM Motor Driver
ELECTRICAL CHARACTERISTICS at TA = -40 °C to +125°C, VBB = 30 V, VCC = 5.0 V (Unless noted otherwise)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
6
–
30
V
Logic Supply Range
VCC
Operating
4.5
5.5
V
Output Current Limit
ICL
Outputs A or B = GROUND
0.7
1.1
–
A
Outputs A or B = VBB
0.7
1.1
–
A
Output Leakage Current
ICEX
VOUT = VBB
–
<1.0
50
µA
VOUT = 0 V
–
<1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, I
OUT = -350 mA
–
1.0
1.2
V
Source Driver, IOUT = -500 ma
–
1.2
1.3
Sink Driver, I
OUT = +350 mA
–
0.2
0.4
V
Sink Driver, IOUT = +500 ma
–
0.4
0.6
V
Clamp Diode Forward Voltage
VF
IF = 500 mA (Sink / Ground Clamp)
–
1.2
1.5
V
(Flyback or Ground Clamp)
IF = 500 mA (Source / Flyback)
–
1.55
2.0
V
Control Logic
Motor Supply Current
IBB
ENABLE1 = ENABLE2 = High
–
7
10
mA
(No Load)
Sleep Mode ENABLE1 = ENABLE2 = Low
–
–
25
µA
Logic Supply Current
ICC
ENABLE1 = ENABLE2 = High
–
45
50
MA
Sleep Mode, ENABLE1 = ENABLE2 = Low
–
–
75
µA
Logic Input Voltage
VIN(1)
0.7VCC
–
-
V
VIN(0)
–
–
.3VCC
V
Logic Input Current
IIN(1)
VIN = 5 V
–
50
100
µA
IIN(0)
VIN = 0V
–
-1.0
-2.0
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com