Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3976 Datasheet (PDF) - Allegro MicroSystems

3976 Datasheet PDF - Allegro MicroSystems
Part # 3976
Download  3976 Download
File Size   57.06 Kbytes
Page   5 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL BRIDGE PROTECTED MOTOR DRIVER

3976 Datasheet (PDF)

Go To PDF Page Download Datasheet
3976 Datasheet PDF - Allegro MicroSystems

Part # 3976
Download  3976 Click to download

File Size   57.06 Kbytes
Page   5 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL BRIDGE PROTECTED MOTOR DRIVER

3976 Datasheet (HTML) - Allegro MicroSystems


3976 Product details

The A3976 is designed to drive both windings of a bipolar stepper motor or bidirectionally control two DC Motors. Both H-Bridges are capable of continuous output currents of up to +/- 500 mA and operating voltages to 30V. Free wheeling, substrate isolated diodes are included for output transient suppression when switching motors or other inductive loads. For each bridge the PHASE input controls load current polarity by selecting the appropriate source and sink driver pair. The ENABLE input, when held high, enables the respective output H-bridge. When both ENABLE pins are held low the device will enter SLEEP mode and consume less than 100mA.

FEATURES
■ 30 V , ±500 mA Continuous Output Rating
■ 35V Load Dump Survival
■ Output Short Circuit Protection
■ Coded Fault Diagnostic Outputs
■ Low Current Standby Mode
■ Open Load Monitor
■ Low Current Standby Mode
■ VBB Over Voltage Shutdown
■ Internal Thermal Shutdown Circuitry
■ Internal Low Parasitic Free Wheeling Diodes
■ Crossover Current Protection




Similar Part No. - 3976

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
39761 SCHOTT-39761 Datasheet
38Kb / 1P
TRANSFORMER,ADSL
More results


Similar Description - 3976

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
DUAL FULL-BRIDGE MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
Dual Full Bridge Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com