Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75A Datasheet(PDF) 49 Page - Numonyx B.V

Part # JS28F320J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75A Datasheet(HTML) 49 Page - Numonyx B.V

Back Button JS28F320J3F75A Datasheet HTML 45Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 46Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 47Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 48Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 49Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 50Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 51Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 52Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Jan 2011
Datasheet
208032-03
49
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Figure 17: Status Register Flowchart
Start
SR7 = '1'
SR2 = '1'
SR4 = '1'
SR3 = '1'
SR1 = '1'
Yes
Yes
Yes
No
No
No
No
SR6 = '1'
Yes
No
SR5 = '1'
No
No
Error
Command Sequence
Yes
Yes
Yes
Error
Erase Failure
Error
Program Failure
- Set by WSM
- Reset by user
- See Clear Status
Register
Command
- Set/Reset
by WSM
SR4 = '1'
Yes
No
End
Command Cycle
- Issue Status Register Command
- Address = any dev ice address
- Data = 0x70
Erase Suspend
See Suspend/Resume Flowchart
Program Suspend
See Suspend/Resume Flowchart
Error
V
PEN < VPENLK
Error
Block Locked
Data Cycle
- Read Status Register SR[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com