Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75A Datasheet(PDF) 65 Page - Numonyx B.V

Part # JS28F320J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75A Datasheet(HTML) 65 Page - Numonyx B.V

Back Button JS28F320J3F75A Datasheet HTML 58Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 59Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 60Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 61Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 62Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 63Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 64Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 65Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 66Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
Jan 2011
Datasheet
208032-03
65
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Appendix B Ordering Information
Note:
The last digit is randomly assigned to cover packing media and/or features or other
specific configuration.
Note:
For further information on ordering products or for product part numbers, go to:http://
www.numonyx.com/en-US/MemoryProducts/Pages/PartNumberLookup.aspx.
Figure 25: Decoder for 32-, 64-, 128-Mbit
l
Table 46: Valid Combinations
32-Mbit
64-Mbit
128-Mbit
JS28F320J3F75*
JS28F640J3F75*
JS28F128J3F75*
RC28F320J3F75*
RC28F640J3F75*
RC28F128J3F75*
PC28F320J3F75*
PC28F640J3F75*
PC28F128J3F75*
P C 28F 3 20J3F 75*
Package
JS = Pb-Free 56-TSOP
RC = 64-Ball Easy BGA
PC = 64-Ball Pb-Free Easy BGA
Product Line Designator
Numonyx® Flash Memory
Device Density
128 = 128-Mbit
640 = 64-Mbit
320 = 32-Mbit
Access Speed
75ns
Lithography
F = 65nm
Voltage (VCC/VPEN)
3 = 3 V/3 V
Product Family
J = Numonyx
® Embedded
Flash Memory
Device Features *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com