Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3973KB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3973KB
Description  DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3973KB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3973KB Datasheet HTML 1Page - Allegro MicroSystems A3973KB Datasheet HTML 2Page - Allegro MicroSystems A3973KB Datasheet HTML 3Page - Allegro MicroSystems A3973KB Datasheet HTML 4Page - Allegro MicroSystems A3973KB Datasheet HTML 5Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page
5 of 5
3976 Dual Protected PWM Motor Driver
APPLICATION NOTES
Open Lead Protection. During normal PWM
operation diagnostic circuitry will look for a minimum
source current level after a bridge is signalled on.
Additionally, the diode flyback is monitored on the proper
output. The logic will signal a fault and disable the outputs if
it determines that the current is below the minimum level
AND no flyback is occurring. If the inductive load is too
large, the current would take too long to reach the minimal
level and a false open load would be reported. It is
recommended that the inductive load be less than 38mH.
Short Circuit Protection. Internal sense resistors in
series with VBB and ground will trip the fault circuitry if
greater than 1.1A is detected. To prevent false overcurrent
events due to reverse recovery spikes of the clamp diodes,
the current monitor is blanked for 5us after a high side is
signalled to turn on. If an additional input command follows
after the initial fault, the selected pair of drivers will pulse on
for the 5us blanking duration. The short circuit fault will
remember the input state where the fault occurred and will
wait for that particular logic state after the short has been
removed before normal operation is allowed to resume.
Thermal Protection. Circuitry turns OFF all drivers
when the junction temperature reaches 170°C typically. It is
intended only to protect the device from failures due to
excessive junction temperatures and has a hysteresis of
approximately 15°C.
Layout. The printed wiring board should use a heavy
ground plane. For optimum electrical and thermal
performance, the driver should be soldered directly onto the
board. The load supply pin, VBB, should be decoupled with
an electrolytic capacitor (> 47 µF is recommended) placed as
close to the device as possible.
Terminal List
Pin Name
Pin Description
24 Lead SOIC
16 Lead DIP
VBB
Motor Supply Voltage
1
1
ENABLE1
Control Logic – Bridge 1
2
2
PHASE1
Control Logic – Bridge 1
3
3
GROUND
Power Ground Return
18,19,6,7
4,5,12,13
OUT1A
Bridge 1 Output
9
6
FAULT1
Diagnostic Output
11
7
OUT1B
Bridge 1 Output
12
8
OUT2B
Bridge 2 Output
13
9
FAULT2
Diagnostic Output
14
10
OUT2A
Bridge 2 Output
16
11
PHASE2
Control Logic – Bridge 2
22
14
ENABLE2
Control Logic – Bridge 2
23
15
VCC
Logic Supply
24
16
NC
No Connect
3,4,5,8,15,17,20,21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com