Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3973KB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3973KB
Description  DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3973KB Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3973KB Datasheet HTML 1Page - Allegro MicroSystems A3973KB Datasheet HTML 2Page - Allegro MicroSystems A3973KB Datasheet HTML 3Page - Allegro MicroSystems A3973KB Datasheet HTML 4Page - Allegro MicroSystems A3973KB Datasheet HTML 5Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page
4 of 5
3976 Dual Protected PWM Motor Driver
ELECTRICAL CHARACTERISTICS at TA = -40°C +125°C, VBB = 30 V, VDD = 5.0 V (unless noted otherwise)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Fault Circuitry
Fault Output Leakage
IF-LEAK
VF = 5 Volts, No Faults
-
-
10
µA
Fault Output Low
VFL
Fault Condition Asserted, IF=25
µA
–
0.8
V
Fault Output Current
IF
VF = 5 Volts, ENABLE=3.5V
25
50
75
µA
Output Open Load Current
I OUT-O.L.
VBB = 12 V
–
2
–
mA
Thermal Fault Temp.
TF
–
170
–
°C
Thermal Fault Hysteresis
TFHYS
–
10
–
°C
OVLO Enable Threshold
Vbb rising
27
30
33
V
OVLO Hysteresis
1.5
V
UVLO Enable Threshold
Vcc falling
3.5
4
4.5
V
UVLO Hysteresis
–
400
–
mV
Timing
Open Fault to Reset Delay
trs
VBB = 12 V
–
–
25
µs
PHASE_X Delay to OPEN Fault
tof
VBB = 12 V
–
30
–
µs
PHASE_X Delay to S.C. Fault
tSC
VBB = 12 V
–
5
–
µs
ENABLE_X Delay to Fault
tof
VBB = 12 V
–
5
–
µs
Propagation Delay Times
tpd
IOUT = ±0.35A, 50%TO 90%
ENABLE ON TO SOURCE ON
–
0.3
µs
ENABLE OFF TO SOURCE OFF
–
0.4
µs
ENABLE ON TO SINK ON
–
0.3
µs
ENABLE OFF TO SINK OFF
–
0.2
µs
PHASE CHANGE TO SINK ON
–
4.0
µs
PHASE CHANGE TO SINK OFF
–
0.3
µs
PHASE CHANGE TO SOURCE ON
–
4.0
µs
PHASE CHANGE TO SOURCE OFF
–
0.4
µs
Cross Over Dead Time
tCODT
1K
Ω (1k+1k) Load (VBB to OUT to GND)
0.5
3.0
6.0
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com