Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5347 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 5347
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5347 Datasheet(HTML) 6 Page - Allegro MicroSystems

  5347 Datasheet HTML 1Page - Allegro MicroSystems 5347 Datasheet HTML 2Page - Allegro MicroSystems 5347 Datasheet HTML 3Page - Allegro MicroSystems 5347 Datasheet HTML 4Page - Allegro MicroSystems 5347 Datasheet HTML 5Page - Allegro MicroSystems 5347 Datasheet HTML 6Page - Allegro MicroSystems 5347 Datasheet HTML 7Page - Allegro MicroSystems 5347 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5347
SMOKE DETECTOR
with INTERCONNECT
and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TIMING DIAGRAMS IN TYPICAL APPLICATION
NON-TIMER MODE
TIMER MODE
1.67 s
10 ms
V12
OSC. CAP
INTERNAL
CLOCK
LED
HORN
Dwg. WC-005
LED
ON
TIMER
START
TIMER
OUT
6 CLOCK CYCLES
368 CLOCK CYCLES
END OF TIMER
NOTIFICATION
OUTPUTS OFF (HIGH Z)
NO ALARM
NO LOW BATTERY
STANDBY MODE
1.67 s
10 ms
40 ms
24 CLOCK CYCLES
V15 > V13 (NO SMOKE)
V15 < V13 (SMOKE)
V12
OSC. CAP
INTERNAL
CLOCK
LED
SMOKE
COMPARATOR
SMOKE
CHAMBER
HORN
SAMPLE
ALARM
NO LOW BATTERY
30 CLOCK CYCLES
LOW BATTERY
WARNING
HORN
ON
OFF
ALARM AND
LOW BATTERY
NO ALARM
LOW BATTERY
Dwg. WC-003
24 CLOCK CYCLES
LED OFF
LED
ON
12 CLOCK CYCLES
6 CLOCK CYCLES
6 CLOCK CYCLES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com