Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5347 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5347
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5347 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5347 Datasheet HTML 1Page - Allegro MicroSystems 5347 Datasheet HTML 2Page - Allegro MicroSystems 5347 Datasheet HTML 3Page - Allegro MicroSystems 5347 Datasheet HTML 4Page - Allegro MicroSystems 5347 Datasheet HTML 5Page - Allegro MicroSystems 5347 Datasheet HTML 6Page - Allegro MicroSystems 5347 Datasheet HTML 7Page - Allegro MicroSystems 5347 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMOKE DETECTOR
WITH INTERCONNECT AND TIMER
Always order by complete part number:
A5347CA .
5347
FEATURES
s Interconnect Up to 125 Detectors
s Piezoelectric Horn Driver
s Guard Outputs for Detector Input
s Pulse Testing for Low Battery
s Power-ON Reset
s Internal Timer & Control for Reduced Sensitivity
s Built-In Hysteresis Reduces False Triggering
ABSOLUTE MAXIMUM RATINGS
(Voltages are referenced to V
SS)
Supply Voltage Range,
V
DD
................................ -0.5 V to +15 V
Input Voltage Range,
V
IN
........................ -0.3 V to V
DD
+ 0.3 V
Input Current, I
IN
............................... 10 mA
Operating Temperature Range,
T
A
..................................... 0
°C to +50°C
Storage Temperature Range,
T
S
............................... -55
°C to +125°C
CAUTION: CMOS devices have input static
protection but are susceptible to damage when
exposed to extremely high static electrical
charges.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
GUARD
DETECT. IN
GUARD
SENSITIVITY
SET
OSC. CAP.
HORN
HORN
– SUPPLY
TIMER START
I / O
LOW-V SET
TIMER OUT
LED
+ SUPPLY
TIMING RES.
FEEDBACK
1
V DD
Dwg. PC-004
2
2
1
VSS
The A5347CA is a low-current, CMOS circuit providing all of the
required features for an ionization-type smoke detector. A networking
capability allows as many as 125 units to be interconnected so that if
any unit senses smoke, all units will sound an alarm. In addition,
special features are incorporated to facilitate alignment and test of the
finished smoke detector. This device is designed to comply with
Underwriters Laboratories Specification UL217.
The internal oscillator and timing circuitry keeps standby power to
a minimum by powering down the device for 1.66 seconds and sensing
smoke for only 10 ms. Every 24 on/off cycles, a check is made for low
battery condition. By substituting other types of sensors, or a switch
for the ionization detector, this very-low power device can be used in
numerous other battery-operated safety/security applications.
The A5347CA is supplied in a low-cost, 16-pin dual in-line plastic
package. It is rated for continuous operation over the temperature
range of 0
°C to +50°C.


Similar Part No. - 5347

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
53471E3 VISHAY-53471E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
Festo Corporation.
534771 FESTO-534771 Datasheet
97Kb / 2P
Air solenoid valve
534772 FESTO-534772 Datasheet
97Kb / 2P
Air solenoid valve
534773 FESTO-534773 Datasheet
96Kb / 2P
Air solenoid valve
534774 FESTO-534774 Datasheet
94Kb / 2P
Air solenoid valve
More results

Similar Description - 5347

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5349 ALLEGRO-5349 Datasheet
83Kb / 8P
AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
Smoke Detector with Interconnect and Timer
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com