Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6661EB
Description  High Frequency 200mA Charge Pump Inverter or Doubler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation SP6661EB Datasheet HTML 6Page - Sipex Corporation SP6661EB Datasheet HTML 7Page - Sipex Corporation SP6661EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Date: 09/16/04
SP6661 High Frequency 200mA Charge Pump Inverter or Doubler
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
Power Supply Voltage
(V+ to GND or GND to OUT).............................+5.6V
LV Input Voltages............(OUT - 0.3V) to (V+ + 0.3V)
FC and OSC Input Voltages......The least negative of
(OUT - 0.3V) or (V+ - 5.6V) to (V+ + 0.3V)
ELECTRICAL CHARACTERISTICS
OUT and V+ Continuous Output Current.........200mA
Output Short-Circuit Duration to GND (Note 1).......1s
Operating Temperature Ranges
SP6661E_...........................-40˚C to +85˚C
Continuous Power Dissipation (T
AMB = 70˚C)
NSOIC (derate 5.88mW/˚C above +70˚C).......471mW
µSOIC (derate 4.10mW/˚C above +70˚C)........330mW
Operating Temperature.......................-40˚C to +85˚C
Storage Temperature........................-65˚C to +150˚C
Lead Temperature (soldering 10s)..................+300˚C
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
s
r
o
t
i
c
a
p
a
C
F
µ
2
2
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
t
r
e
v
n
I
T
,
D
N
G
=
V
L
,
n
e
p
o
=
C
F
,
F
µ
2
2
=
3
C
=
2
C
=
1
C
,
V
0
.
5
+
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
;
o
t
r
e
f
e
r
1
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
13
.
5V
R
L
0
0
5
=
Ω
e
g
a
t
l
o
V
p
U
-
t
r
a
t
S3
9
.
0V
t
n
e
r
r
u
C
y
l
p
p
u
S3
6
A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O
x
a
M0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
70
2
10
7
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
7
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
.
9
99
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P0
8
0
7
9
8
2
8
%
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
s
r
o
t
i
c
a
p
a
C
F
µ
2
2
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
l
b
u
o
D
T
,
D
N
G
=
V
L
,
n
e
p
o
=
C
F
,
F
µ
2
2
=
3
C
=
2
C
=
1
C
,
V
0
.
5
+
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
;
o
t
r
e
f
e
r
2
2
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
23
.
5V
R
L
k
1
=
Ω
e
g
a
t
l
o
V
p
U
-
t
r
a
t
S5
.
1V
t
n
e
r
r
u
C
y
l
p
p
u
S3
6
A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O
x
a
M0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
70
2
10
7
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
.
47
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
.
9
99
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P9
8
9
7
4
9
0
9
%
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com