Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6661EB
Description  High Frequency 200mA Charge Pump Inverter or Doubler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation SP6661EB Datasheet HTML 6Page - Sipex Corporation SP6661EB Datasheet HTML 7Page - Sipex Corporation SP6661EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Date: 09/16/04
SP6661 High Frequency 200mA Charge Pump Inverter or Doubler
© Copyright 2004 Sipex Corporation
5
Pin Number Pin Symbol
Description
1FC
Frequency Control for the internal oscillator. FC = open,
f
osc = 120kHz typical; FC = V+ fosc = 900kHz typical.
2
CAP+
Connect to the positive terminal of the charge pump capacitor.
3
GND
(Voltage Inverter Circuit) Ground.
3
GND
(Positive Voltage Doubler Circuit) Positive supply voltage
input.
4
CAP-
Connect to the negative terminal of the charge pump capacitor.
5
OUT
(Voltage Inverter Circuit) Negative voltage output pin.
5
OUT
(Positive Voltage Doubler Circuit) Ground pin for power
supply.
6LV
Low -voltage operation input pin in 660 circuits. In SP6661
circuits can be connected to GND, OUT or left open as desired
with no effect.
7
OSC
Control pin for the oscillator. Internally connected to 15pF
capacitor. An external capacitor can be added to slow the
oscillator. Be careful to minimize stray capacitance. An
external oscillator can be connected to overdrive the OSC pin.
8V+
(Voltage Inverter Circuit) Positive voltage input pin for the
power supply.
8V+
(Positive Voltage Doubler Circuit) Positive voltage output.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com