Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91050 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 13Page - Texas Instruments LMP91050 Datasheet HTML 14Page - Texas Instruments LMP91050 Datasheet HTML 15Page - Texas Instruments LMP91050 Datasheet HTML 16Page - Texas Instruments LMP91050 Datasheet HTML 17Page - Texas Instruments LMP91050 Datasheet HTML 18Page - Texas Instruments LMP91050 Datasheet HTML 19Page - Texas Instruments LMP91050 Datasheet HTML 20Page - Texas Instruments LMP91050 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LMP91050
www.ti.com
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
Bit
Bit Symbol
Description
00: PGA1 OFF PGA2 OFF (default)
01: PGA1 OFF, PGA2 ON
[6:5]
EN
10: PGA1 ON, PGA2 OFF
11: PGA1 ON, PGA2 ON
0: PGA1 to PGA2 direct (default)
4
EXT_FILT
1: PGA1 to PGA2 via external filter
0 : 1.15V (default)
3
CMN_MODE
1 : 2.59V
00: 4 (default)
01: 8
[2:1]
GAIN2
10: 16
11: 32
0: 250 (default)
0
GAIN1
1: 42
DAC Configuration – DAC Configuration Register (Address 0x1)
The output DC level will shift according to the formula Vout_shift = -33.8mV * (NDAC - 128).
Bit
Bit Symbol
Description
[7:0]
NDAC
128 (0x80): Vout_shift = -33.8mV * (128 - 128) = 0mV (default)
SDIO Mode – SDIO Mode Enable Register (Address 0xf)
Write-only
Bit
Bit Symbol
Description
To enter SDIO Mode, write the successive sequence 0xFE and 0xED.
[7:0]
SDIO_MODE_EN
Write anything other than this sequence to get out of mode.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com