Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91050 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91050 Datasheet(HTML) 2 Page - Texas Instruments

  LMP91050 Datasheet HTML 1Page - Texas Instruments LMP91050 Datasheet HTML 2Page - Texas Instruments LMP91050 Datasheet HTML 3Page - Texas Instruments LMP91050 Datasheet HTML 4Page - Texas Instruments LMP91050 Datasheet HTML 5Page - Texas Instruments LMP91050 Datasheet HTML 6Page - Texas Instruments LMP91050 Datasheet HTML 7Page - Texas Instruments LMP91050 Datasheet HTML 8Page - Texas Instruments LMP91050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMP91050
IN
10 nF
Thermopile
10 µF
160 k
160 k
6.8 nF
OUT
û ADC
10 µF
10 nF
CSB
SDIO
1 kO
1 µF
SCLK
10 nF
A0
A1
GND
VDD
VDD
CMOUT
CMOUT
VREF
CM GEN
SPI
OUT
IN
GND
SDIO
DAC
G1=250,42
G2=4,8,16,32
CSB
SPI
VDD
LMP91050
CMOUT
SCLK
A0
A1
CMOUT
PGA1
PGA2
LMP91050
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 1. Configurable AFE for NDIR
Typical Application
Figure 2. Typical NDIR Sensing Application Circuit
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com