Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD526CD Datasheet(PDF) 9 Page - Analog Devices

Part # AD526CD
Description  Software Programmable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526CD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD526CD Datasheet HTML 5Page - Analog Devices AD526CD Datasheet HTML 6Page - Analog Devices AD526CD Datasheet HTML 7Page - Analog Devices AD526CD Datasheet HTML 8Page - Analog Devices AD526CD Datasheet HTML 9Page - Analog Devices AD526CD Datasheet HTML 10Page - Analog Devices AD526CD Datasheet HTML 11Page - Analog Devices AD526CD Datasheet HTML 12Page - Analog Devices AD526CD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD526
REV. D
–9–
The specifications on page 3, in combination with Figure 35,
give the timing requirements for loading new gain codes.
VALID DATA
GAIN CODE
INPUTS
CLK OR CS
TC
TH
TS
TC = MINIMUM CLOCK CYCLE
TS = DATA SETUP TIME
TH = DATA HOLD TIME
NOTE: THRESHOLD LEVEL FOR
GAIN CODE,
CS, AND CLK IS 1.4V.
Figure 35. AD526 Timing
TIMING AND CONTROL
Table I. Logic Input Truth Table
Gain Code
Control
Condition
A2 A1 A0 B
CLK (CS = 0)
Gain
Condition
XXXX
1
Previous State
Latched
0001
0
1
Transparent
0011
0
2
Transparent
0101
0
4
Transparent
0111
0
8
Transparent
1
X
X
1
0
16
Transparent
XXX0
0
1
Transparent
XXX0
1
1
Latched
0001
1
1
Latched
0011
1
2
Latched
0101
1
4
Latched
0111
1
8
Latched
1
X
X
1
1
16
Latched
NOTE: X = Don’t Care.
DIGITAL FEEDTHROUGH
With either
CS or CLK or both held high, the AD526 gain state
will remain constant regardless of the transitions at the A0, A1,
A2 or B inputs. However, high speed logic transitions will un-
avoidably feed through to the analog circuitry within the AD526
causing spikes to occur at the signal output.
This feedthrough effect can be completely eliminated by operat-
ing the AD526 in the transparent mode and latching the gain
code in an external bank of latches (Figure 36).
To operate the AD526 using serial inputs, the configuration
shown in Figure 36 can be used with the 74LS174 replaced by a
serial-in/parallel-out latch, such as the 54LS594.
OUT
FORCE
OUT
SENSE
VOUT
0.1 F
–VS
0.1 F
+VS
+5V
VIN
74LS174
1 F
B
A2
A0
A1
TIMING
SIGNAL
16
15
14
13
12
11
10
9
12
34
56
78
+
–
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
Figure 36. Using an External Latch to Minimize Digital
Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com