Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD526CD Datasheet(PDF) 3 Page - Analog Devices

Part # AD526CD
Description  Software Programmable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526CD Datasheet(HTML) 3 Page - Analog Devices

  AD526CD Datasheet HTML 1Page - Analog Devices AD526CD Datasheet HTML 2Page - Analog Devices AD526CD Datasheet HTML 3Page - Analog Devices AD526CD Datasheet HTML 4Page - Analog Devices AD526CD Datasheet HTML 5Page - Analog Devices AD526CD Datasheet HTML 6Page - Analog Devices AD526CD Datasheet HTML 7Page - Analog Devices AD526CD Datasheet HTML 8Page - Analog Devices AD526CD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD526
AD526J
AD526A
AD526B/S
AD526C
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
NOISE, ALL GAINS
Voltage Noise, RTI
0.1 Hz to 10 Hz
3
3
3
3
µV p-p
Voltage Noise Density, RTI
f = 10 Hz
70
70
70
70
nV
√Hz
f = 100 Hz
60
60
60
60
nV
√Hz
f = 1 kHz
30
30
30
30
nV
√Hz
f = 10 kHz
25
25
25
35
nV
√Hz
DYNAMIC RESPONSE
–3 dB Bandwidth (Small Signal)
G = 1
4.0
4.0
4.0
4.0
MHz
G = 2
2.0
2.0
2.0
2.0
MHz
G = 4
1.5
1.5
1.5
1.5
MHz
G = 8
0.65
0.65
0.65
0.65
MHz
G = 16
0.35
0.35
0.35
0.35
MHz
Signal Settling Time to 0.01%
(
∆V
OUT = ± 10 V)
G = 1
2.1
4
2.1
4
2.1
4
2.1
4
µs
G = 2
2.5
5
2.5
5
2.5
5
2.5
5
µs
G = 4
2.7
5
2.7
5
2.7
5
2.7
5
µs
G = 8
3.6
7
3.6
7
3.6
7
3.6
7
µs
G = 16
4.1
7
4.1
7
4.1
7
4.1
7
µs
Full Power Bandwidth
G = 1, 2, 4
0.10
0.10
0.10
0.10
MHz
G = 8, 16
0.35
0.35
0.35
0.35
MHz
Slew Rate
G = 1, 2, 4
4
6
4
6
4
6
4
6V/
µs
G = 8, 16
18
24
18
24
18
24
18
24
V/
µs
DIGITAL INPUTS
(TMIN to TMAX)
Input Current (VH = 5 V)
60
100
140
60
100
140
60
100
140
60
100
140
µA
Logic “1”
2
6
2
6
2
6
2
6
V
Logic “0”
0
0.8
0
0.8
0
0.8
0
0.8
V
TIMING
1
(VL = 0.2 V, VH = 3.7 V)
A0, A1, A2
TC
50
50
50
50
ns
TS
30
30
30
30
ns
TH
30
30
30
30
ns
B
TC
50
50
50
50
ns
TS
40
40
40
40
ns
TH
10
10
10
30
ns
TEMPERATURE RANGE
Specified Performance
0
+70
–40
+85
–40/–55
+85/+125 –40
+85
°C
Storage
–65
+125
–65
+150
–65
+150
–65
+150
°C
POWER SUPPLY
Operating Range
4.5
16.5
4.5
16.5
4.5
16.5
4.5
16.5
V
Positive Supply Current
10
14
10
14
10
14
10
14
mA
Negative Supply Current
10
13
10
13
10
13
10
13
mA
PACKAGE OPTIONS
Plastic (N-16)
AD526JN
Ceramic DIP (D-16)
AD526AD
AD526BD AD526SD
AD526CD
AD526SD/883B
NOTES
1Refer to Figure 25 for definitions. FSR = Full Scale Range = 20 V. RTI = Referred to Input.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. All min and max specifications are guaranteed, although only those shown in
boldface are tested on all production units.
–3–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com