Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP155GS
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP155GS Datasheet HTML 10Page - Monolithic Power Systems MP155GS Datasheet HTML 11Page - Monolithic Power Systems MP155GS Datasheet HTML 12Page - Monolithic Power Systems MP155GS Datasheet HTML 13Page - Monolithic Power Systems MP155GS Datasheet HTML 14Page - Monolithic Power Systems MP155GS Datasheet HTML 15Page - Monolithic Power Systems MP155GS Datasheet HTML 16Page - Monolithic Power Systems MP155GS Datasheet HTML 17Page - Monolithic Power Systems MP155GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
14
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Output Capacitor
The output capacitor maintains the DC output
voltage. Estimate the output voltage ripple as:
CCM _ ripple
ESR
so
i
Vi R
8f C
Δ
=+ Δ ⋅
, for CCM
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I
⎛⎞
−
=⋅
+
⋅
⎜⎟
⎜⎟
⎝⎠
, for DCM
Use ceramic, tantalum, or low-ESR electrolytic
capacitors to lower the output voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Choose appropriate R1 and R2 values to
maintain the FB voltage at 2.5V. Avoid very large
values for R2 (typical values between 5kΩ
 
to10kΩ.
Feedback Capacitor
The feedback capacitor provides a sample-and-
hold function. Small capacitors result in poor
regulation at light load condition, and large
capacitors can impact circuit operation. Estimate
the capacitor range as per the following equation:
oo
oo
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I
⋅≤
≤
⋅
++
Choose an appropriate value given practical
considerations.
Dummy Load
A dummy load maintains the load regulation. This
ensures sufficient inductor energy to charge the
sample-and-hold capacitor to detect the output
voltage. Start with a 3mA dummy load and adjust
as necessary.
VCC Supply
The MP155 obtains a low no-load power
consumption by external VCC supply. This
supply is dependent on the value of Vout. Connect
a diode and resistor between C3 and C4 as per
the values listed in Table 2.
Table 2: Recommended VCC Supply Resistor
Values
Vout
Resistor value
3.3V
NC
(
5)
5V
NC
12V
24.8k
16V
40.8k
24V
72.8k
Note:
5) NC= no connection
Surge Performance
To obtain a good surge performance, select an
appropriate input capacitor that meets different
surge tests. Figure 10 shows the half-wave
rectifier. Table 3 shows the required capacitance
under normal conditions for different surge
voltages.
Figure 10: Half-Wave Rectifier
Table 3: Recommended Capacitor Values
Surge
voltage
500V
1000V
2000V
C1
1μF
10μF
22μF
C2
1μF
4.7μF
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com