Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP155GS
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP155GS Datasheet HTML 12Page - Monolithic Power Systems MP155GS Datasheet HTML 13Page - Monolithic Power Systems MP155GS Datasheet HTML 14Page - Monolithic Power Systems MP155GS Datasheet HTML 15Page - Monolithic Power Systems MP155GS Datasheet HTML 16Page - Monolithic Power Systems MP155GS Datasheet HTML 17Page - Monolithic Power Systems MP155GS Datasheet HTML 18Page - Monolithic Power Systems MP155GS Datasheet HTML 19Page - Monolithic Power Systems MP155GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
16
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 11 shows a typical application example of a 12V, 200mA non-isolated power supply using the
MP155.
L
N
D2
1N4007
WUGC10JH
D3
GND
Vout
GND
1N4007
D1
10
RF1
Drain
5
Source
4
Vcc
1
FB
2
Source
3
U1
MP155
470pF
C7
C2
1
C6
/400 V
C3
10
/400V
C4
/16V
C5
1mH
L1
19.1k
R1
4.99k
R2
3.9k
R3
D4
1N 4007
220nF
C1
2.2mH
L2
1N4148
D5
R5
24.9k
12V/200mA
Figure 11: Typical Application, 12V/200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com