Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9224ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9224ARSZ
Description  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9224ARSZ Datasheet HTML 12Page - Analog Devices AD9224ARSZ Datasheet HTML 13Page - Analog Devices AD9224ARSZ Datasheet HTML 14Page - Analog Devices AD9224ARSZ Datasheet HTML 15Page - Analog Devices AD9224ARSZ Datasheet HTML 16Page - Analog Devices AD9224ARSZ Datasheet HTML 17Page - Analog Devices AD9224ARSZ Datasheet HTML 18Page - Analog Devices AD9224ARSZ Datasheet HTML 19Page - Analog Devices AD9224ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD9224
–16–
REV. A
REFERENCE CONFIGURATIONS
The figures associated with this section on internal and external
reference operation do not show recommended matching series
resistors for VINA and VINB for the purpose of simplicity.
Please refer to the Driving the Analog Inputs section for a dis-
cussion of this topic. Also, the figures do not show the decou-
pling network associated with the CAPT and CAPB pins.
Please refer to the Reference Operation section for a discussion
of the internal reference circuitry and the recommended decou-
pling network shown in Figure 17.
USING THE INTERNAL REFERENCE
Single-Ended Input with 0 to 2
VREF Range
Figure 26a shows how to connect the AD9224 for a 0 V to 2 V
or 0 V to 4 V input range via pin strapping the SENSE pin. An
intermediate input range of 0 to 2
× VREF can be established
using the resistor programmable configuration in Figure 28.
In either case, both the midscale voltage and input span are
directly dependent on the value of VREF. More specifically, the
midscale voltage is equal to VREF while the input span is equal
to 2
× VREF. Thus, the valid input range extends from 0 to 2 ×
VREF. When VINA is
≤ 0 V, the digital output will be 000 Hex;
when VINA is
≥ 2 × VREF, the digital output will be FFF Hex.
Shorting the VREF pin directly to the SENSE pin places the
internal reference amplifier in unity-gain mode and the resultant
VREF output is 1 V. Therefore, the valid input range is 0 V to
2 V. However, shorting the SENSE pin directly to the REFCOM
pin configures the internal reference amplifier for a gain of 2.0
and the resultant VREF output is 2.0 V. Thus, the valid input
range becomes 0 V to 4 V. The VREF pin should be bypassed to
the REFCOM pin with a 10
µF tantalum capacitor in parallel
with a low-inductance 0.1
µF ceramic capacitor.
10 F
VINA
VREF
AD9224
0.1 F
VINB
2
VREF
0V
SHORT FOR 0V TO 2V
INPUT SPAN
SENSE
SHORT FOR 0V TO 4V
INPUT SPAN
REFCOM
Figure 26a. Internal Reference—2 V p-p Input Span,
VCM = 1 V, or 4 V p-p Input Span
Figure 26b illustrates the relation between reference voltage and
THD. Note that optimal performance occurs when the refer-
ence voltage is set to 1.5 V (input span = 3 V).
REFERENCE VOLTAGE – V
–60
–65
–80
1.0
1.2
1.4
1.6
1.8
2.0
2.2
–70
–75
–85
–90
Figure 26b. THD vs. Reference Voltage, FS = 40 MHz,
FIN = 10 MHz (Differential)
Figure 27 shows the single-ended configuration that gives good
dynamic performance (SINAD, SFDR). To optimize dynamic
specifications, center the common-mode voltage of the analog
input at approximately by 2.5 V by connecting VINB to a low
impedance 2.5 V source. As described above, shorting the
VREF pin directly to the SENSE pin results in a 1 V reference
voltage and a 2 V p-p input span. The valid range for input
signals is 1.5 V to 3.5 V. The VREF pin should be bypassed to
the REFCOM pin with a 10
µF tantalum capacitor in parallel
with a low-inductance 0.1
µF ceramic capacitor.
This reference configuration could also be used for a differential
input in which VINA and VINB are driven via a transformer as
shown in Figure 24. In this case, the common-mode voltage,
VCM, is set at midsupply by connecting the transformer’s center
tap to CML of the AD9224. VREF can be configured for 1.0 V or
2.0 V by connecting SENSE to either VREF or REFCOM re-
spectively. Note that the valid input range for each of the
differential inputs is one half of the single-ended input and thus
becomes VCM – VREF/2 to VCM + VREF/2.
1V
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
AD9224
3.5V
1.5V
VCM
Figure 27. Internal Reference—2 V p-p Input Span,
VCM = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com