Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9224ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9224ARSZ
Description  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARSZ Datasheet(HTML) 1 Page - Analog Devices

  AD9224ARSZ Datasheet HTML 1Page - Analog Devices AD9224ARSZ Datasheet HTML 2Page - Analog Devices AD9224ARSZ Datasheet HTML 3Page - Analog Devices AD9224ARSZ Datasheet HTML 4Page - Analog Devices AD9224ARSZ Datasheet HTML 5Page - Analog Devices AD9224ARSZ Datasheet HTML 6Page - Analog Devices AD9224ARSZ Datasheet HTML 7Page - Analog Devices AD9224ARSZ Datasheet HTML 8Page - Analog Devices AD9224ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9224
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Complete 12-Bit, 40 MSPS
Monolithic A/D Converter
FUNCTIONAL BLOCK DIAGRAM
VINA
CAPT
CAPB
SENSE
OTR
BIT 1
(MSB)
BIT 12
(LSB)
VREF
DRVSS
AVSS
AD9224
SHA
DIGITAL CORRECTION LOGIC
OUTPUT BUFFERS
VINB
1V
REFCOM
5
5
3
3
3
3
4
12
DRVDD
AVDD
CLK
MODE
SELECT
MDAC3
GAIN = 4
MDAC2
GAIN = 4
MDAC1
GAIN = 16
A/D
A/D
A/D
A/D
CML
FEATURES
Monolithic 12-Bit, 40 MSPS A/D Converter
Low Power Dissipation: 415 mW
Single +5 V Supply
No Missing Codes Guaranteed
Differential Nonlinearity Error:
0.33 LSB
Complete On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Signal-to-Noise and Distortion Ratio: 68.3 dB
Spurious-Free Dynamic Range: 81 dB
Out-of-Range Indicator
Straight Binary Output Data
28-Lead SSOP Package
Compatible with 3 V Logic
PRODUCT DESCRIPTION
The AD9224 is a monolithic, single supply, 12-bit, 40 MSPS,
analog-to-digital converter with an on-chip, high performance
sample-and-hold amplifier and voltage reference. The AD9224
uses a multistage differential pipelined architecture with output
error correction logic to provide 12-bit accuracy at 40 MSPS
data rates, and guarantees no missing codes over the full operat-
ing temperature range.
The AD9224 combines a low cost high speed CMOS process
and a novel architecture to achieve the resolution and speed of
existing bipolar implementations at a fraction of the power
consumption and cost.
The input of the AD9224 allows for easy interfacing to both
imaging and communications systems. With a truly differential
input structure, the user can select a variety of input ranges and
offsets, including single-ended applications. The dynamic per-
formance is excellent.
The sample-and-hold (SHA) amplifier is well suited for both
multiplexed systems that switch full-scale voltage levels in suc-
cessive channels and sampling single-channel inputs at frequen-
cies up to and well beyond the Nyquist rate.
The AD9224’s wideband input, combined with the power and
cost savings over previously available monolithics, is suitable for
applications in communications, imaging and medical ultrasound.
The AD9224 has an onboard programmable reference. An
external reference can also be chosen to suit the dc accuracy
and temperature drift requirements of the application.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range signal indicates an overflow
condition which can be used with the most significant bit to
determine low or high overflow.
PRODUCT HIGHLIGHTS
The AD9224 is fabricated on a very cost effective CMOS
process. High speed precision analog circuits are now combined
with high density logic circuits.
The AD9224 offers a complete single-chip sampling 12-bit,
40 MSPS analog-to-digital conversion function in 28-lead
SSOP package.
Low Power—The AD9224 at 415 mW consumes a fraction of
the power of presently available in existing monolithic solutions.
On-Board Sample-and-Hold (SHA)—The versatile SHA
input can be configured for either single-ended or differential
inputs.
Out of Range (OTR)—The OTR output bit indicates when
the input signal is beyond the AD9224’s input range.
Single Supply—The AD9224 uses a single +5 V power supply
simplifying system power supply design. It also features a sepa-
rate digital driver supply line to accommodate 3 V and 5 V logic
families.
Pin Compatibility—The AD9224 is pin compatible with the
AD9220, AD9221, AD9223 and AD9225 ADCs.


Similar Part No. - AD9224ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9224ARS AD-AD9224ARS Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
More results

Similar Description - AD9224ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9224 AD-AD9224 Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com