Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-5-SW Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # R-5-SW
Description  The most common use for Switch Probes is in the cable harness testing industry.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

R-5-SW Datasheet(HTML) 1 Page - Switchcraft, Inc.

  R-5-SW Datasheet HTML 1Page - Switchcraft, Inc. R-5-SW Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
88
88
Interconnect Devices, Inc. welcomes your e-mail at info@idinet.com
Switch Probes
Size 4 SwitcH Probe
Size 3 SwitcH Probe
.040
(1.02)
.330
(8.38)
.050
(1.27)
.040
(1.02)
.101
(2.57)
1.830
(46.48)
.093
(2.36)
.059
(1.50)
.285
(7.24)
.267
(6.78)
.046
(1.17)
.032
(0.81)
.283
(7.19)
Minimum Centers: .125 (3.18)
Current Rating: 3 amps continuous
Maximum Travel: .295 (7.49)
Working Travel: .197 (5.00)
Travel to Switch Point: .025 (0.64)
Spring Force at Switch Point: 1.8 oz.
Rated Force Rated Force @ Switch
Preload
oz. (g)
oz. (g)
oz. (g)
4.0 (114)
1.8 (51)
1.4 (40)
Minimum Centers: .156 (3.96)
Current Rating: 3 amps continuous
Maximum Travel: .160 (4.06)
Working Travel: .120 (3.05)
Travel to Switch Point: .107 (2.72)
Spring Force at Switch Point: 4.4 oz.
Rated Force Rated Force @ Switch
Preload
oz. (g)
oz. (g)
oz. (g)
4.8 (136)
4.4 (125)
2.5 (71
)
.265
(6.73)
.093
(2.36)
.0785
(1.99)
.425
(10.80)
.093
(2.36)
.046
(1.17)
.535
(13.59)
.275
(6.99)
.032
(0.81)
1.930
(49.02)
The most common
use for Switch Probes
is in the cable harness
testing industry. The
Switch Probe is used
to verify the correct
location of a terminal
in a connector while
also checking the
retention force. In
addition, Switch
Probes also verify
the presence of
non conductive
components such
as caps for connectors
or devices on a circuit
board. There are two
separate current paths
in a Switch Probe.
From the plunger tip
to the tail is normally
open and closes only
after the probe
deflects to the
designated travel.
The second path,
from the plunger
tip to the outside of
the receptacle, is
always closed.
Drill Size: #41
Mounting Hole Size: .094/.096 (2.39/2.44)
The size 3 switch probe shown does not require
a receptacle. The barrel of the switch probe
is designed to mount directly in the mounting
plate.
Barrel: Nickel/silver, gold plated
Spring: Music wire
Plungers: Full-hard beryllium copper, gold
plated
Insulator: Delrin
Contact: Beryllium copper, gold plated
Barrel: Nickel/silver, gold plated
Spring: Stainless steel
Plunger: Beryllium copper, nickel plated
Insulator: Delrin
Contact: Beryllium copper, gold plated
Specifications subject to change without notice. Dimensions in inches (millimeters)
pRobe SpecificationS
MateRialS
pRobe SpecificationS
MateRialS
Mounting


Similar Part No. - R-5-SW

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
R-5-1/4-B FESTO-R-5-1/4-B Datasheet
91Kb / 1P
Roller lever valve
4/8/22
More results

Similar Description - R-5-SW

ManufacturerPart #DatasheetDescription
logo
NEC
BN1F4M NEC-BN1F4M Datasheet
133Kb / 2P
The BN1F4M is designed for use in medium speed switching circuit.
logo
NXP Semiconductors
75017144 NXP-75017144 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
JDS Uniphase Corporatio...
ETB8000EHP JDSU-ETB8000EHP Datasheet
621Kb / 2P
The industry?셲 most compact 100 G test solution
logo
International Rectifier
IRGB14C40LPBF IRF-IRGB14C40LPBF_15 Datasheet
256Kb / 12P
MOST RUGGED IN INDUSTRY
IRGS14C40LPBF IRF-IRGS14C40LPBF_15 Datasheet
297Kb / 12P
MOST RUGGED IN INDUSTRY
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
CAGE IS INTENDED FOR USE WITH THE
logo
EXCEL CELL ELECTRONIC C...
2T0612 ECE-2T0612 Datasheet
966Kb / 2P
Diameter ?? step motor is the industry?셲 most sophisticated micro step motor
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
logo
C&K Components
NANOT CK-COMPONENTS-NANOT Datasheet
201Kb / 2P
The Most Compact Nano Size Tact Switch
5 Jul 21
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
pH sensor for use in the pharmaceutical industry and food production
2022-11-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com