Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-5-SW Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # R-5-SW
Description  The most common use for Switch Probes is in the cable harness testing industry.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

R-5-SW Datasheet(HTML) 2 Page - Switchcraft, Inc.

  R-5-SW Datasheet HTML 1Page - Switchcraft, Inc. R-5-SW Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
89
Interconnect Devices, Inc. • Tel: 913-342-5544 • Fax: 913-342-7043 • www.idinet.com
Size 5 SwitcH Probe
Minimum Centers: .187 (4.75)
Current Rating: 3 amps continuous
Maximum Travel: .190 (4.83)
Working Travel: .137 (3.48)
Travel to Switch Point: .030 (0.76)
Spring Force at Switch Point: 4.0 or 10.3 oz.
Rated Force Force @ Switch
Preload Material
oz. (g)
oz. (g)
oz. (g)
8.6 (244)
4.0 (113)
1.8 (51)
SS
20.4 (579)
10.3 (293)
5.2 (148)
MW
Barrel: Nickel/silver, silver plated
Spring: Music wire or stainless steel
Plunger: Beryllium copper, nickel plated
Insulator: Delrin
Contact: Beryllium copper, nickel plated
.106
(2.69)
.300
(7.62)
1.000
(25.40)
1.220
(30.99)
.059
(1.50)
.047
(1.19)
I.D.
1.090
(27.69)
.140
(3.56)
.300
(7.62)
1.310
(33.27)
.144
(3.66)
.092
(2.34)
.078
(1.98)
I.D.
R-4-SW
R-5-SW
Minimum Centers: .156 (3.96)
Drill Size: #35
Mounting Hole Size:
.108/.110 (2.74/2.79)
Nickel/silver, gold plated
R-4-SW
How to order
Minimum Centers: .187 (4.75)
Drill Size: 3.6mm
Mounting Hole Size:
.141/.143 (3.58/3.63)
Nickel/silver, gold plated
R-5-SW
How to order
.100
(2.54)
.115
(2.92)
or
.147
(3.73)
.650
(16.51)
.060
(1.52)
.125
(3.18)
2.760
(70.10)
.075
(1.91)
.310
(7.87)
.060
(1.52)
.590
(14.99)
Specifications subject to change without notice. Dimensions in inches (millimeters)
How to order
View uPdAteS of tHiS informAtion At www.idinet.com
SpRing
foRce
at
Switch
SpRing
contact
pRobe
head
diaMeteR
Size 3: 1.8
Size 4: 4.4
Size 5: 4.0,10.3
Size 3: G-Gold
Size 4: en-niCkel
Size 5: en-niCkel
Size 5: 115 or 147
Size: 3, 4 oR 5
Size
tip
Style
Sw
plating
optionS
5
f
4.0
en
115
pRobe SpecificationS
MateRialS
pRobe SpecificationS
MateRialS
pRobe SpecificationS
MateRialS
Size 3: CS
Size 4: C
Size 5: F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com