Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1492DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1492DS
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1492DS Datasheet HTML 1Page - Monolithic Power Systems MP1492DS Datasheet HTML 2Page - Monolithic Power Systems MP1492DS Datasheet HTML 3Page - Monolithic Power Systems MP1492DS Datasheet HTML 4Page - Monolithic Power Systems MP1492DS Datasheet HTML 5Page - Monolithic Power Systems MP1492DS Datasheet HTML 6Page - Monolithic Power Systems MP1492DS Datasheet HTML 7Page - Monolithic Power Systems MP1492DS Datasheet HTML 8Page - Monolithic Power Systems MP1492DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP1492
2A, 4.2V-16V Input, Fast Transient
Synchronous Step-down Converter
MP1492 Rev. 1.1
www.MonolithicPower.com
1
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1492 is a fully integrated, high–
efficiency 2A synchronous rectified step-down
converter. The MP1492 operates at high
efficiency over a wide output current load range.
Adaptive
Constant-On-Time
(COT)
control
mode provides fast transient response, eases
loop stabilization, and operates with a low-cost
electrolytic capacitor.
The MP1492 requires a minimum number of
readily available standard external components
and is available in an 8-pin SOIC ROHS
compliant package.
FEATURES
• Wide 4.2V to 16V Operating Input Range
• 2A Output Current
• Adaptive COT for Fast Transient
Response
• Low RDS (ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Programmable Switching Frequency
• OCP, SCP, OVP, UVP Protection and
Thermal Shutdown
• Output Adjustable from 0.805V to 13V
APPLICATIONS
•
Digital Set Top Boxes
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
6
7
8
2
3
1
4
R7
453k
499k
MP1492
VIN
ON/OFF
5
VOUT 2.5V
R1
41k
R2
20k
IN
FREQ
BYP
EN
GND
FB
SW
BST


Similar Part No. - MP1492DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493DS MPS-MP1493DS Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493DS-A MPS-MP1493DS-A Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494DJ MPS-MP1494DJ Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1492DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com