Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1492DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1492DS
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1492DS Datasheet HTML 6Page - Monolithic Power Systems MP1492DS Datasheet HTML 7Page - Monolithic Power Systems MP1492DS Datasheet HTML 8Page - Monolithic Power Systems MP1492DS Datasheet HTML 9Page - Monolithic Power Systems MP1492DS Datasheet HTML 10Page - Monolithic Power Systems MP1492DS Datasheet HTML 11Page - Monolithic Power Systems MP1492DS Datasheet HTML 12Page - Monolithic Power Systems MP1492DS Datasheet HTML 13Page - Monolithic Power Systems MP1492DS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
10
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
HS-FET deviates from its intended location and
produces jitter. It is necessary to understand that
there is a relationship between a system’s
stability and the steepness of the VFB ripple’s
downward slope. The slope steepness of the VFB
ripple
dominates
in
noise
immunity.
The
magnitude of the VFB ripple doesn’t directly affect
the noise immunity directly.
Figure 3—Jitter in PWM Mode
Figure 4—Jitter in Skip Mode
Ramp with Large ESR Cap
In the case of POSCAP or other types of
capacitor with larger ESR is applied as output
capacitor. The ESR ripple dominates the output
ripple, and the slope on the FB is quite ESR
related. Figure 5 shows an equivalent circuit in
PWM mode with the HS-FET off and without an
external ramp circuit. Turn to application
information section for design steps with large
ESR caps.
R1
R2
ESR
POSCAP
SW
FB
Vo
L
Figure 5—Simplified Circuit in PWM Mode
without External Ramp Compensation
To realize the stability when no external ramp is
used, usually the ESR value should be chosen
as follow:
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(3)
TSW is the switching period.
Ramp with small ESR Cap
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
needed. Skip to application information section
for design steps with small ESR caps.
R1
R2
Ceramic
SW
FB
Vo
L
R4
C4
IR4
IC4
IFB
R9
Figure 6—Simplified Circuit in PWM Mode
with External Ramp Compensation
In PWM mode, an equivalent circuit with HS-FET
off
and
the
use
of
an
external
ramp
compensation circuit (R4, C4) is simplified in
Figure 6. The external ramp is derived from the
inductor ripple current. If one chooses C4, R9,
R1 and R2 to meet the following condition:
12
9
SW
4
1
2
RR
11
R
2F
C
5
R
R
⎛⎞
×
<×
+
⎜⎟
π×
×
+
⎝⎠
(4)
Where:
R4
C4
FB
C4
II
II
=
+≈
(5)
And the ramp on the VFB can then be estimated
as:
IN
O
12
RAMP
ON
44
1
2
9
VV
R//R
VT
RC
R // R
R
−
=×
×
×+
(6)
The downward slope of the VFB ripple then
follows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com