Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems MP1583 Datasheet HTML 10Page - Monolithic Power Systems MP1583 Datasheet HTML 11Page - Monolithic Power Systems MP1583 Datasheet HTML 12Page - Monolithic Power Systems MP1583 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
11
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
INPUT
4.75V to 23V
OUTPUT
3.3V
3A
C1
10
μ F/25V
CERAMIC
C2
22
μ F/10V
Murata
C3
4.7nF
C4
10nF
C6
NS
D1
C5
10nF
L1
15
μ H
R3
4.7k
Ω
R2
10k
Ω
R1
16.9k
Ω
MP1583
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN = AUTOMATIC
STARTUP
Figure 5—3.3V output 3A solution with Murata 22µF, 10V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com