Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems MP1583 Datasheet HTML 10Page - Monolithic Power Systems MP1583 Datasheet HTML 11Page - Monolithic Power Systems MP1583 Datasheet HTML 12Page - Monolithic Power Systems MP1583 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1583 Rev. 3.1
www.MonolithicPower.com
13
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PDIP8
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
0.021(0.533)
0.015(0.381)
0.100 BSC(2.540)
0.145(3.683)
0.134(3.404)
0.140(3.556)
0.120(3.048)
0.035 (0.889)
0.015 (0.381)
0.260 (6.604)
0.240 (6.096)
0.387 (9.830)
0.367 (9.322)
PIN 1 IDENT.
0.040 (1.016)
0.020 (0.508)
0.065 (1.650)
0.050 (1.270)
0.014 (0.356)
0.008 (0.200)
0.325(8.255)
0.300(7.620)
0.392(9.957)
0.332(8.433)
3°~11°
Lead Bend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com