Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1740 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
2
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP1740EC
WLCSP
6F
–20
°C to +85°C
PACKAGE REFERENCE
TOP VIEW
VON
AGND
INP
PGND
PVCC
AVCC
VOP
EN
INN
3
2
1
C
B
A
BOTTOM VIEW
3
2
1
A
B
C
VON
AGND
INP
PGND
PVCC
AVCC
VOP
EN
INN
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VCC ........................-0.3V to 6.5V
Input Voltage VIN ................. –0.3V to VCC + 0.3V
Input Voltage VEN ................ –0.3V to VCC + 0.3V
Ambient Temperature TA .......... –40°C to +85°C
Continuous Power Dissipation
(TA = +25°C)
(2)
................................................................ 1W
Junction Temperature TJ......... –40°C to +140°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VCC .........................2.5V to 5.5V
Enable Voltage VEN..................... 70%VCC to VCC
Disable Voltage VEN ..................... 0V to 15%VCC
Common Mode Input Voltage VIC
............................... 0.5V to VCC-0.8V
Operating Junct. Temp (TJ)..... –20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
WLCSP ..................................114 ..... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-ambient
thermal resistance θJA, and the ambient temperature TA. The
maximum allowable continuous power dissipation at any
ambient temperature is calculated by PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) VCC Include AVCC and PVCC, VIN include INP and INN
4) Measured on JESD51-7, 4-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com