Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1740 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems MP1740 Datasheet HTML 10Page - Monolithic Power Systems MP1740 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP1740 Rev. 1.0
www.MonolithicPower.com
11
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PACKAGE INFORMATION
WLCSP
TOP VIEW
A
1
3
C
BOTTOM VIEW
1.50
1.60
1.50
1.60
1.00
REF
0.50
BSC
PIN 1 ID
MARKING
1.00
0.50
0.25
RECOMMENDED LAND PATTERN
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) BALL COPLANARITY SHALL BE 0.05 MILLIMETER MAX.
3) JEDEC REFERENCE IS MO-211, VARIATION DD.
4) DRAWING IS NOT TO SCALE.
1.00
REF
PIN 1 ID
INDEX AREA
SIDE VIEW
0.38
REF
0.21
0.27
1.00
0.28
0.34
2
B
0.57
0.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com